Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 96 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 96 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 92Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 93Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 94Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 95Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 96Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 97Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 98Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 99Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
Package Information
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
87
Figure 36 •
Package Drawing
7.2
Thermal Specifications
Thermal specifications for this device are based on the JEDEC JESD51 family of documents. These
documents are available on the JEDEC website at www.jedec.org. The thermal specifications are
modeled using a four-layer test board with two signal layers, a power plane, and a ground plane (2s2p
Terminal Tip
0.80
0.00
5.10
5.10
0.30
0.15
0.85
0.02
0.203 Ref
8.00 BSC
5.20
8.00 BSC
5.20
1.00 Ref
0.40 BSC
0.40
0.20
0.90
0.05
5.30
5.30
0.50
0.25
A
A1
A3
D
D1
E
E1
K
e
L
b
Dimensions and Tolerances
Reference Minimum Nominal
Maximum
2
D
X
Y
Pin 1
corner
68
4×
E
0.10 C
3
e
L
A
A3
A1
0.07 M Z X Y
0.05 M Z
Top View
Bottom View
Side View
Notes
1.
All dimensions and tolerances are in millimeters (mm).
2.
Dimension b applies to the metalliz ed terminal and is
measured between 0.15 mm and 0.30 mm from the
terminal tip.
3.
Maximum package warpage is 0.08 mm.
Detail A
0.08 Z
Z
Pin 1
corner
0.20 R
2
b
2
3
1
L
D1
E1
68
K
Detail A
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com