Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 56 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 56 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 52Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 53Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 54Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 55Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 56Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 57Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 58Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 59Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
47
4.3.4
PoE and Miscellaneous Functionality
The register at address 23E1 controls various aspects of inline-powering and the CRC error counter in
the VSC8541-02 device.
10
Slow MDC
R/W
Sticky bit.
1: Indicates that MDC runs at less than
1 MHz (use of this bit is optional and
indicated when MDC runs at less than
1MHz).
0
9:8
Reserved
RO
Reserved.
7:6
Media mode status
RO
00: No media selected.
01: Copper media selected.
10: Reserved.
11: Reserved.
00
5
Enable 10BASE-T no preamble mode
R/W
Sticky bit.
1: 10BASE-T will assert RX_DV indication
when data is presented to the receiver even
without a preamble preceding it.
0
4
Enable link speed autodownshift feature
R/W
Sticky bit.
1: Enable auto link speed downshift from
1000BASE-T.
0
3:2
Link speed auto downshift control
R/W
Sticky bit.
00: Downshift after 2 failed 1000BASE-T
auto-negotiation attempts.
01: Downshift after 3 failed 1000BASE-T
auto-negotiation attempts.
10: Downshift after 4 failed 1000BASE-T
auto-negotiation attempts.
11: Downshift after 5 failed 1000BASE-T
auto-negotiation attempts.
01
1
Link speed auto downshift status
RO
0: No downshift.
1: Downshift is required or has occurred.
0
0
Reserved
RO
Reserved.
Table 54 •
Extended PHY Control 4, Address 23E1 (0x17)
Bit
Name
Access
Description
Default
15:11
PHY address
RO
Internal PHY address: 0–31.
10
Inline powered device
detection
R/W
Sticky bit.
1: Enabled.
0
9:8
Inline powered device
detection status
RO
Only valid when bit 10 is set.
00: Searching for devices.
01: Device found; requires inline-power.
10: Device found; does not require inline-power.
11: Reserved.
00
7:0
Cu Media CRC error
counter
RO
Self-clearing 8-bit error count register.
Table 53 •
Extended PHY Control 3, Address 20E1 (0x14) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com