Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 73 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 73 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 69Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 70Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 71Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 72Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 73Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 74Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 75Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 76Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
64
5.1.3
VDDMAC and VDDMDIO (1.5 V)
The following table shows the DC specifications for the pins referenced to VDDMAC and VDDMDIO
when it is set to 1.5 V. The specifications listed in the following table are valid only when VDD1 = 1.0 V,
VDD1A = 1.0 V, VDD25A = 2.5 V, and VDDIO = 2.5 V or 3.3 V.
5.1.4
VDDMAC and VDDMDIO (1.8 V)
The following table shows the DC specifications for the pins references to VDDMAC and VDDMDIO
when it is set to 1.8 V. The specifications listed in the following table are valid only when VDD1 = 1.0 V,
VDD1A = 1.0 V, VDD25A = 2.5 V, and VDDIO = 2.5 V or 3.3 V.
5.1.5
VDDMDIO (1.2 V)
The following table shows the DC specifications for the pins referenced to VDDMDIO when it is set to
1.2 V. The specifications listed in the following table are valid only when VDD1 = 1.0 V, VDD1A = 1.0 V,
and VDD25A = 2.5 V.
Table 87 •
VDDMAC and VDDMDIO DC Characteristics (1.5 V)
Parameter
Symbol
Minimum Typical Maximum Unit
Condition
Output high voltage
VOH
1.2
V
IOH =–1mA
Output low voltage
VOL
0.25
V
IOL =1mA
Input high voltage
VIH
1.13
1.87
V
VDDMDIO-referenced pins
Input high voltage
VIH
1.13
1.65
V
VDDMAC-referenced pins
Input low voltage
VIL
–0.375
0.45
V
Input leakage current
IILEAK
–40
40
µA
Internal resistor included
Output leakage current
IOLEAK
–40
40
µA
Internal resistor included
Table 88 •
VDDMAC and VDDMDIO DC Characteristics (1.8 V)
Parameter
Symbol Minimum Typical Maximum Unit Condition
Output high voltage
VOH
1.43
V
IOH =–1mA
Output low voltage
VOL
0.3
V
IOL =1mA
Input high voltage
VIH
1.35
2.25
V
VDDMDIO-referenced pins
Input high voltage
VIH
1.35
1.98
V
VDDMAC-referenced pins
Input low voltage
VIL
–0.45
0.54
V
Input leakage current
IILEAK
–48
48
µA
Internal resistor included
Output leakage current
IOLEAK
–48
48
µA
Internal resistor included
Table 89 •
VDDMDIO DC Characteristics
Parameter
Symbol Minimum
Typical Maximum
Unit Condition
Output high voltage
VOH
0.95
V
IOH =–1mA
Output low voltage
VOL
0.2
V
IOL =1mA
Input high voltage
VIH
0.9
1.5
V
Input low voltage
VIL
–0.3
0.36
V
Input leakage current
IILEAK
–32
32
µA
Internal resistor included
Output leakage current
IOLEAK
–32
32
µA
Internal resistor included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com