Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 59 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 59 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 55Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 56Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 57Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 58Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 59Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 60Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 61Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 62Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
50
the signal quality. Changing these settings also affects the linearity and harmonic distortion of the
transmitted signals. For help with changing these values, contact your Microsemi representative.
Table 58 •
Cu PMD Transmit Control, Address 16E2 (0x10)
Bit
Name
Access Description
Default
15:12 1000BASE-T signal amplitude trim1
R/W
Sticky bit.
1000BASE-T signal
amplitude
0000: 1.8%
0001: 2.7%
0010: 3.6%
0011: 4.5%
0100: 5.4%
0101: 6.3%
0110: 7.2%
0111: 8.1%
1000: –8%
1001: –6.2%
1010: –4.4%
1011: –2.7%
1100: –1.8%
1101: –0.9%
1110: 0%
1111: 0.9%
0000
11:8
100BASE-TX signal amplitude trim2
R/W
Sticky bit.
100BASE-TX signal
amplitude
0000: 1.8%
0001: 2.7%
0010: 3.6%
0011: 4.5%
0100: 5.4%
0101: 6.3%
0110: 7.2%
0111 8.1%
1000: –8%
1001: –6.2%
1010: –4.4%
1011: –2.7%
1100: –1.8%
1101: –0.9%
1110: 0%
1111: 0.9%
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com