Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 45 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 45 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 41Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 42Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 43Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 44Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 45Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 46Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 47Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 48Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
36
4.2.11
MMD Access Control Register
The bits in register 13 of the main register space are a window to the EEE registers as defined in
IEEE 802.3az-2010 Clause 45.
4.2.12
MMD Address or Data Register
The bits in register 14 of the main register space are a window to the EEE registers as defined in
IEEE 802.3az-2010 Clause 45.
4.2.13
1000BASE-T Status Extension 1
Register 15 provides additional information about the operation of the device 1000BASE-T
communications. The following table shows the readouts available.
4.2.14
100BASE-TX Status Extension
Register 16 in the main registers page space provides additional information about the status of the
100BASE-TX operation.
Table 32 •
MMD EEE Access, Address 13 (0x0D)
Bit
Name
Access Description
15:14 Function
R/W
00: Address.
01: Data, no post increment.
10: Data, post increment for read and write.
11: Data, post increment for write only.
13:5
Reserved RO
Reserved.
4:0
DVAD
R/W
Device address as defined in IEEE 802.3az-2010 table 45–1.
Table 33 •
MMD Address or Data Register, Address 14 (0x0E)
Bit
Name
Access Description
15:0 Register Address/Data R/W
When register 13.15:14 = 2'b00, address of register of the device
that is specified by 13.4:0. Otherwise, the data to be written to or
read from the register.
Table 34 •
1000BASE-T Status Extension 1, Address 15 (0x0F)
Bit
Name
Access Description
Default
15
Reserved
RO
Reserved
14
1000BASE-X HDX capability RO
1: PHY is 1000BASE-X HDX capable 0
13
1000BASE-T FDX capability RO
1: PHY is 1000BASE-T FDX capable 1
12
1000BASE-T HDX capability RO
1: PHY is 1000BASE-T HDX capable 1
11:0
Reserved
RO
Reserved
Table 35 •
100BASE-TX Status Extension, Address 16 (0x10)
Bit Name
Access Description
Default
15
100BASE-TX Descrambler
RO
1: Descrambler locked.
0
14
100BASE-TX lock error
RO
Self-clearing bit.
1: Lock error detected.
0
13
100BASE-TX disconnect state
RO
Self-clearing bit.
1: PHY 100BASE-TX link disconnect detected.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com