Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 83 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 83 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 79Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 80Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 81Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 82Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 83Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 84Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 85Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 86Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
74
Figure 30 •
Uncompensated RGMII Timing
5.2.12
Compensated RGMII
The following table lists the characteristics when using the device in RGMII compensated mode.
Table 110 •
PHY Input (GTX_CLK Delay When Register 20E2.[2:0]=011’b)
Parameter
Symbol
Minimum
Typical
Maximum Unit
Data to clock setup (TX_CLK
delay = 011’b)
tSETUP_T –1.0
ns
Clock to data hold (TX_CLK
delay = 011’b)
tHOLD_T
2.8
ns
tSKEWT
TXD[3:0]
TX_CTL
TX_CLK (at Transmitter)
TX_CLK (at Receiver)
tSKEWR
TXD[3:0]
TXD[7:4]
TXEN
TXERR
tSKEWT
RXD[3:0]
RX_CTL
RX_CLK (at Transmitter)
RX_CLK (at Receiver)
tSKEWR
RXD[3:0]
RXD[7:4]
RXDV
RXERR
tCYC
80%
20%
tR, tF
VTHRESH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com