Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 11 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 11 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 7Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 8Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 9Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 10Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 11Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 12Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 13Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 14Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
Overview
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
2
2
Overview
The VSC8541-02 device is designed for space-constrained 10/100/1000BASE-T applications. It features
integrated, line-side termination to conserve board space, lower EMI, and improve system performance.
Additionally, integrated RGMII timing compensation eliminates the need for on-board delay lines.
Microsemi’s EcoEthernet™ v2.0 technology supports IEEE 802.3az Energy-Efficient Ethernet (EEE) and
power-saving features to reduce power based on link state and cable reach. VSC8541-02 optimizes
power consumption in all link operating speeds and features a Wake-on-LAN (WoL) power management
mechanism for bringing the PHY out of a low-power state using designated magic packets.
Fast link failure (FLF) indication for high availability networks identifies the onset of a link failure in less
than 1 ms typical to go beyond the IEEE 802.3 standard requirement of 750 ms ±10 ms (link master).
Potential link failure events can be more flexibly monitored using an enhanced FLF2 state machine,
which goes beyond FLF indication by enabling signaling of the link potentially going down within 10 µS.
The device includes recovered clock output for Synchronous Ethernet applications. Programmable clock
squelch control is included to inhibit undesirable clocks from propagating and to help prevent timing
loops. Ring Resiliency allows a PHY port to switch between master and slave timing references with no
link drop in 1000BASE-T mode.
The following illustration shows a high-level, general view of a typical VSC8541-02 application.
Figure 1 •
Application Diagram
2.1
Key Features
This section lists the main features and benefits of the VSC8541-02 device.
2.1.1
Superior PHY and Interface Technology
•
Integrated 10/100/1000BASE-T Ethernet copper transceiver (IEEE 802.3ab compliant) with the
industry’s only non-TDR-based VeriPHY™ cable diagnostics algorithm
•
Patented line driver with low EMI voltage mode architecture and integrated line-side termination
resistors
•
Wake-on-LAN using magic packets
•
HP Auto-MDIX and manual MDI/MDIX support
•
RGMII/GMII/MII/RMII MAC interface
•
Jumbo frame support up to 16 kilobytes with programmable synchronization FIFOs
2.1.2
Synchronous Ethernet and IEEE 1588 Time Stamp Support
•
Recovered clock output with programmable clock squelch control for G.8261 Synchronous Ethernet
applications
•
1000BASE-T Ring Resiliency feature to switch between master and slave timing without dropping
link
•
Clock output squelch to inhibit clocks during auto-negotiation and no link status
•
Clause 45 registers to support IEEE 802.3bf
•
IEEE 1588 Start of Frame (SOF) detection to enhance 1588v2 PTP time stamp accuracy
(VSC8541XMV-05 only)
VSC8541-02
1-port Copper Media
R/G/MII, RMII MAC
interface
3.3 V/2.5 V/1.8 V/1.5 V
2.5 V 1.0 V
R/G/MII, RMII MAC
1X RJ-45
and Magnetics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com