Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 67 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 67 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 63Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 64Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 65Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 66Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 67Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 68Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 69Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 70Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
58
4.5.1
CLKOUT Control
The CLKOUT control register configures the functionality of the CLKOUT output pin.
4.5.2
GPIO Control 2
The GPIO control 2 register configures the functionality of the COMA_MODE and LED pins.
14G
GPIO Control 2
15G–18G
Reserved
19G
Fast Link Register
20G–22G
Reserved
23G
Recovered Clock Control
24G
Reserved
25G
Enhanced LED Control
26G–30G
Reserved
Table 72 •
CLKOUT Control, Address 13G (0x0D)
Bit
Name
Access
Description
Default
15
CLKOUT enable
R/W
1: CLKOUT enabled.
0: CLKOUT disabled.
0
14:13 CLKOUT frequency select R/W
00: 25 MHz.
01: 50 MHz.
10: 125 MHz.
11: Reserved.
00
12:0
Reserved
RO
Reserved.
Table 73 •
GPIO Control 2, Address 14G (0x0E)
Bit
Name
Access Description
Default
15:14
Reserved
RO
Reserved.
13
COMA_MODE output enable
(active low)
R/W
1: COMA_MODE pin is an input.
0: COMA_MODE pin is an output.
1
12
COMA_MODE output data
R/W
Value to output on the COMA_MODE pin when it is
configured as an output.
0
11
COMA_MODE input data
RO
Data read from the COMA_MODE pin.
10
Reserved
RO
Reserved.
9
Tri-state enable for LEDs
R/W
1: Tri-state LED output signals instead of driving them
high. This allows the signals to be pulled above VDDIO
using an external pull-up resistor.
0: Drive LED bus output signals to high and low
values.
1
8:0
Reserved
RO
Reserved.
Table 71 •
General Purpose Registers Space (continued)
Address
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com