Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 17 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 17 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 13Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 14Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 15Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 16Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 17Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 18Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 19Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 20Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
8
In order to further reduce power consumption and EMI, the user may elect to choose a slower edge rate
than recommended if the end application supports it.
The MAC interface signal rise/fall times can be changed by writing to register bits 27E2.7:5. The typical
change in edge rate for each setting at various VDDMAC voltages is shown in the following table.
These values are based on measurements performed on typical silicon at nominal supply and room
temperature settings.
3.3
Hardware Mode Strapping and PHY Addressing
The VSC8541-02 device provides hardware-configured modes of operation that are achieved by
sampling output pins on the rising edge of reset and externally pulling the pin to a logic HIGH or LOW
(based on the desired configuration). These output pins are required by the device as inputs while
NRESET is asserted and the logic state of the pin is latched in the device upon de-assertion of NRESET.
To ensure correct operation of the hardware strapping function, any other device connected to these pins
must not actively drive a signal onto them.
The following table describes the pins used for this purpose and their respective modes.
2.5 V
100
1.8 V
111
1.5 V
111
Table 5 •
MAC Interface Edge Rate Control
Register Setting
Edge Rate Change (VDDMAC)
3.3V
2.5V
1.8V
1.5V
111 (fastest)
Default
Default
Default
(recommended)
Default
(recommended)
110
–2%
–3%
–5%
–6%
101
–4%
–6%
–9%
–14%
100
–7%
(recommended)
–10%
(recommended)
–16%
–21%
011
–10%
–14%
–23%
–29%
010
–17%
–23%
–35%
–42%
001
–29%
–37%
–52%
–58%
000 (slowest)
–53%
–63%
–76%
–77%
Table 6 •
Hardware Mode Strapping and PHY Addressing
Pin(s)
Operation Mode
CLKOUT
Enable/disable CLKOUT signal
RX_CLK
Managed or unmanaged mode
RXD0
Signal A
RXD1
Signal B
RXD2
Signal C
RXD3
Signal D
Table 4 •
Recommended Edge Rate Settings (continued)
VDDMAC Voltage
Edge Rate Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com