Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 78 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 78 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 74Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 75Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 76Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 77Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 78Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 79Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 80Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 81Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
69
Figure 24 •
Test Circuit for Recovered Clock Outputs Signal
5.2.3
CLKOUT
This section provides the AC characteristics for the CLKOUT signal.
The following table shows the AC specifications for the CLKOUT output.
5.2.4
RMII_CLKOUT
This section provides the AC characteristics for the RMII_CLKOUT signal.
Note: The RMII_CLKOUT signal is provided on the RX_CLK pin (see Table 3, page 6) when the device is
operating in RMII mode.
The following table shows the AC specifications for RMII_CLKOUT.
Table 101 •
CLKOUT AC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
CLKOUT frequency
ƒ
125
MHz
CLKOUT frequency
ƒ
50
MHz
CLKOUT frequency
ƒ
25
MHz
CLKOUT cycle time
tCOCYC
8ns
CLKOUT cycle time
tCOCYC
20
ns
CLKOUT cycle time
tCOCYC
40
ns
Frequency stability
ƒSTABILITY
5
ppm
Relative to device
REFCLK frequency
Duty cycle
DC
40
50
60
%
CLKOUT at 25 MHz
and 125 MHz
Duty cycle
DC
35
50
75
%
CLKOUT at 50 MHz
Clock rise time and fall time
tR, tF
1.5
ns
20% to 80%
Peak-to-peak jitter
JPPCLKOUT
700
ps
10 k samples
Table 102 •
RMII_CLKOUT AC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
RMII_CLKOUT frequency
ƒ
50
MHz
RMII_CLKOUT duty cycle
DC
35
65
%
RMII_CLKOUT rise time
tR
1ns
RMII_CLKOUT fall time
tF
1ns
Device Under Test
Signal Measurement Point
50
Ω 1 ns T-line
39
Ω
5.1 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com