Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 14 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 14 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 10Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 11Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 12Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 13Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 14Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 15Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 16Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 17Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
5
Figure 3 •
RGMII MAC Interface
3.2.2
GMII/MII Interface Mode
The GMII/MII interface supports all three speeds (10 Mbps, 100 Mbps, and 1000 Mbps), and is used as
an interface to a GMII/MII-compatible MAC. The device is compliant with the GMII/MII interface
specification when VDDMAC is operating at 3.3 V. While the GMII/MII specification only specifies
operation at 3.3 V, the device can also support the GMII/MII interface at 1.5 V, 1.8 V, and 2.5 V.
Figure 4 •
GMII/MII MAC Interface
RGMII MAC
TXD[3]
TXD[2]
TXD[1]
TXD[0]
RXD[3]
RXD[2]
RXD[1]
RXD[0]
TX_CLK
TX_CTL
RX_CLK
RX_CTL
SimpliPHY
TXD[3]
TXD[2]
TXD[1]
TXD[0]
RXD[3]
RXD[2]
RXD[1]
RXD[0]
GTX_CLK
TX_CTL
RX_CLK
RX_CTL
R
T
R
T
R
T
R
T
R
T
R
T
R
S
R
S
R
S
R
S
R
S
R
S
GMII/MII MAC
TXD[7]
TXD[6]
TXD[5]
TXD[4]
RXD[3]
RXD[2]
RXD[1]
RXD[0]
GTX_CLK
TX_ER
RX_CLK
RX_DV
SimpliPHY
TXD[7]
TXD[6]
TXD[5]
TXD[4]
RXD[3]
RXD[2]
RXD[1]
RXD[0]
GTX_CLK
TX_ER
RX_CLK
RX_DV
R
T
R
T
R
T
R
T
R
T
R
T
R
S
R
S
R
S
R
S
R
S
R
S
TXD[3]
TXD[2]
TXD[1]
TXD[0]
TXD[3]
TXD[2]
TXD[1]
TXD[0]
R
T
R
T
R
T
R
T
TX_EN
TX_EN
R
T
TX_CLK
MII_TXCLK
COL
COL
CRS
CRS
RXD[7]
RXD[6]
RXD[5]
RXD[4]
RXD[7]
RXD[6]
RXD[5]
RXD[4]
R
S
R
S
R
S
R
S
RX_ER
RX_ER
R
S
R
S
R
S
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com