Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 91 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 91 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 87Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 88Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 89Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 90Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 91Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 92Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 93Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 94Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
Pin Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
82
PHY Configuration LED1
59
O
VDDIO
LED direct drive outputs. All LED pins are
active low. LED_CLK output in serial LED
mode.
PHY Configuration NRESET
53
I, PD
VDDIO
Device reset. Active low input that powers
down the device and sets all register bits to
their default state.
PHY Configuration RCVRD_CLK
55
O
VDDIO
Recovered clock output, can be enabled or
disabled. Output a clock based on the
selected active media with programmable
frequency. This pin is not active when
NRESET is asserted. When disabled, the
pin is held low.
PHY Configuration REFCLK_SEL_0
62
I, PU
VDDIO
Reference clock mode/frequency select
signal
PHY Configuration REFCLK_SEL_1
61
I, PU
VDDIO
Reference clock mode/frequency select
signal
PHY Configuration XTAL1
63
I
VDD25A
Crystal/single ended reference clock input
PHY Configuration XTAL2
64
O
VDD25A
Crystal output, leave unconnected when
using single ended reference clock
Power
VDD1
17
P
1.0 V digital core power
Power
VDD1
34
P
1.0 V digital core power
Power
VDD1A
5
P
1.0 V analog power requiring additional
PCB power supply filtering
Power
VDD1A
14
P
1.0 V analog power requiring additional
PCB power supply filtering
Power
VDD1A
68
P
1.0 V analog power requiring additional
PCB power supply filtering
Power
VDD25A
2
P
2.5 V analog power requiring additional
PCB power supply filtering
Power
VDD25A
8
P
2.5 V analog power requiring additional
PCB power supply filtering
Power
VDD25A
11
P
2.5 V analog power requiring additional
PCB power supply filtering
Power
VDDIO
58
P
2.5 V or 3.3 V general I/O power
Power
VDDMAC
22
P
1.5 V, 1.8 V, 2.5 V or 3.3 V
GMII/MII/RGMII/RMII MAC power
Power
VDDMAC
28
P
1.5 V, 1.8 V, 2.5 V or 3.3 V
GMII/MII/RGMII/RMII MAC power
Power
VDDMAC
39
P
1.5 V, 1.8 V, 2.5 V or 3.3 V
GMII/MII/RGMII/RMII MAC power
Power
VDDMAC
44
P
1.5 V, 1.8 V, 2.5 V or 3.3 V
GMII/MII/RGMII/RMII MAC power
Power
VDDMDIO
49
P
1.2 V, 1.5 V, 1.8 V, 2.5 V or 3.3 V power for
SMI pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com