Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLRC663 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
3h - pulse starts at beginning of third bit quarter
Note: If DMillerEn is set, DPulseType must be set to 1h.
3
DInvert
If set the envelope of data is inverted.
2 to 0
DEnvType
Specifies the type of envelope used for transmission of data packets. The selected
envelope type is applied to the pseudo bit stream.
0h - Direct output
1h - Manchester code
2h - Manchester code with subcarrier
3h - BPSK
4h - RZ (pulse of half bit length at beginning of second half of bit)
5h - RZ (pulse of half bit length at beginning of bit)
6h - RFU
7h - RFU
Table 206. TxDataMod bits...continued
9.16.4 TxSymFreq
Bit
7
6
5
4
3
2
1
0
Symbol
S32SCFreq
S32BFreq
S10SCFreq
S10BFreq
Access
rights
r/w
r/w
r/w
r/w
Table 207. TxSymFreq (address 4Ch)
Bit
Symbol
Description
7
S32SCFreq
Specifies the frequency of the subcarrier of symbol2 and symbol3:
0b ... 424 kHz
1b ... 848 kHz
6 to 4
S32BFreq
Specifies the frequency of the bit stream of symbol2 and symbol3:
000b ... RFU
001b ... RFU
010b ... 26 kHz
011b ... 53 kHz
100b ... 106 kHz
101b ... 212 kHz
110b ... 424 kHz
111b ... 848 kHz
3
S10SCFreq
Specifies the frequency of the subcarrier of symbol0 and symbol1:
0b ...424 kHz
1b ...848 kHz
2 to 0
S10BFreq
Specifies the frequency of the bit stream of symbol0 and symbol1:
000b ... RFU
001b ... RFU
010b ... 26 kHz
011b ... 53 kHz
Table 208. TxSymFreq bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
104 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com