| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 133 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 133 Page - NXP Semiconductors |
|
133 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 133 Confidential 18.7.1.2 Register Assignment The 32 bytes of E²PROM content, beginning with the E²PROM starting byte-address, is written to the CL RC632 register 10hex up to register 2Fhex (for the E²PROM memory organisation see also 6). Note: The procedure for the register assignment is the same as it is for the Start Up Initialisation (see 11.3). The difference is, that the E²PROM starting byte-address for the Start Up Initialisation is fixed to 10hex (Block 1, Byte 0). With the LoadConfig-Command it can be chosen. 18.7.1.3 Relevant Error Flags for the LoadConfig-Command Valid E²PROM starting byte-addresses are in the range from 10hex up to 60hex. Copying from block 8hex up to 1Fhex (keys) is inhibited. Reading from these addresses sets the flag AccessErr to 1. Addresses above 1FFhex are taken modulo 200hex (for the E²PROM memory organisation refer to chapter 6). 18.7.2 CALCCRC COMMAND 12HEX 18.7.2.1 Overview Command Codehex Action Arguments and Data Returned Data CalcCRC 12 Activates the CRC-Coprocessor Data Byte-Stream - The CalcCRC-Command takes all data from the FIFO buffer as input bytes for the CRC-Coprocessor. All data stored in the FIFO buffer before the command is started will be processed. This command does not return any data via the FIFO buffer, but the content of the CRC-register can be read back via the CRCResultLSB-register and the CRCResultMSB-register. The CalcCRC-Command can only be started by the µ-Processor. It does not stop automatically but has to be stopped explicitly by the µ-Processor with the Idle-Command. If the FIFO buffer is empty, the CalcCRC-Command waits for further input from the FIFO buffer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |