| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 136 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 136 Page - NXP Semiconductors |
|
136 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 136 Confidential 18.9.3 AUTHENT1 COMMAND 0CHEX 18.9.3.1 Overview Command Codehex Action Arguments and Data Returned Data Authent1 0C Performs the first part of the Crypto1 (MIFARE Classic) card authentication Card Auth-Command Card Block Address Card Serial Number LSB Card Serial Number Byte1 Card Serial Number Byte2 Card Serial Number MSB - The Authent1-Command is a special Transceive-Command: it takes six argument bytes which are sent to the card. The card’s response is not forwarded to the µ-Processor, but is used to check the authenticity of the card and to prove authenticity of the CL RC632 to the card. The Authent1-Command can be triggered only by the µ-Processor. The sequence of states for this command is the same as for the Transceive-Command (see 18.4.3). 18.9.4 AUTHENT2 COMMAND 14HEX 18.9.4.1 Overview Command Codehex Action Arguments and Data Returned Data Authent2 14 Performs the second part of the card authentication using the Crypto1 algorithm. - - The Authent2-Command is a special Transceive-Command. It does not need any argument byte but all necessary data which has to be sent to the card is assembled by the CL RC632 itself. The card response is not forwarded to the µ-Processor, but is used to check the authenticity of the card and to prove authenticity of the CL RC632 to the card. The Authent2-Command can only be started by the µ-Processor. The logical sequence for this command is the same as for the Transceive-Command (see 18.4.3). 18.9.4.2 Effect of the Authent2-Command If the Authent2-Command was successful, authenticity of card and CL RC632 is proved. In this case, the control bit Crypto1On is set automatically. When bit Crypto1On is set, all further card communication is done encrypted, using the Crypto1 security algorithm. If the Authent2-Command fails, bit Crypto1On is cleared. Note: The flag Crypto1On can not be set by the µ-Processor but only through a successfully performed Authent2-Command. The µ-Processor may clear the bit Crypto1On to continue with plain card communication. Note: The Authent2-Command has to be executed immediately after a successful Authent1-Command (see 18.9.3). Furthermore, the keys stored in the key buffer and those on the card have to match. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |