| Electronic Components Datasheet Search |
|
CLRC63201T/0FE Datasheet(PDF) 135 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE Datasheet(HTML) 135 Page - NXP Semiconductors |
|
135 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 135 Confidential 18.9 MIFARE ® Classic Security Commands 18.9.1 LOADKEYE2 COMMAND 0BHEX 18.9.1.1 Overview Command Codehex Action Arguments and Data Returned Data LoadKeyE2 0B Reads a key from the E²PROM and puts it into the internal key buffer Start Address LSB Start Address MSB - The LoadKeyE2-Command interprets the first two bytes found in the FIFO buffer as E²PROM starting byte-address. The E²PROM bytes starting from the given starting byte-address are interpreted as key, stored in the correct key format as described in chapter 6.4.1. When all two argument-bytes are available in the FIFO buffer, the command execution starts. The LoadKeyE2-Command can be started only by the µ- Processor. It stops automatically after having copied the key from the E²PROM into the key buffer. 18.9.1.2 Relevant Error Flags for the LoadKeyE2-Command If the key format is not correct (see chapter 6.4.1) an undefined value is copied into the key buffer and the flag KeyError is set. 18.9.2 LOADKEY COMMAND 19HEX 18.9.2.1 Overview Command Codehex Action Arguments and Data Returned Data LoadKey 19 Reads a key from the FIFO buffer and puts it into the key buffer Byte0 (LSB) Byte1 … Byte10 Byte11 (MSB) - The LoadKey-Command interprets the first twelve bytes it finds in the FIFO buffer as key, stored in the correct key format as described in chapter 6.4.1. When the twelve argument-bytes are available in the FIFO buffer they are checked and, if valid, are copied into the key buffer (see also 19.2). The LoadKey-Command can only be started by the µ-Processor. It stops automatically after having copied the key from the FIFO buffer into the key buffer. 18.9.2.2 Relevant Error Flags for the LoadKey-Command All bytes requested are copied from the FIFO buffer to the key buffer. If the key format is not correct (see chapter 6.4.1) an undefined value is copied into the key buffer and the flag KeyError is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |