Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 49Page - STMicroelectronics M58PR256J Datasheet HTML 50Page - STMicroelectronics M58PR256J Datasheet HTML 51Page - STMicroelectronics M58PR256J Datasheet HTML 52Page - STMicroelectronics M58PR256J Datasheet HTML 53Page - STMicroelectronics M58PR256J Datasheet HTML 54Page - STMicroelectronics M58PR256J Datasheet HTML 55Page - STMicroelectronics M58PR256J Datasheet HTML 56Page - STMicroelectronics M58PR256J Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
M58PR256J, M58PR512J
Configuration Register
53/114
Figure 6.
X-latency and data output configuration example
1.
The settings shown are X-latency = 4. tQVK_CPU is the data setup time required by the system CPU.
2.
Amax is equal to A23 in the M58PR256J and, to A24 in the M58PR512J.
Table 16.
Burst type definition
Start Address
8 Words
16 Words
Continuous Burst
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7-8-9-10-11-12-13-14-15
0-1-2-3-4-5-6...
1
1-2-3-4-5-6-7-0
1-2-3-4-5-6-7-8-9-10-11-12-13-14-15-0
1-2-3-4-5-6-7...
2
2-3-4-5-6-7-0-1
2-3-4-5-6-7-8-9-10-11-12-13-14-15-0-1
2-3-4-5-6-7-8...
3
3-4-5-6-7-0-1-2
3-4-5-6-7-8-9-10-11-12-13-14-15-0-1-2
3-4-5-6-7-8-9...
...
7
7-0-1-2-3-4-5-6
7-8-9-10-11-12-13-14-15-0-1-2-3-4-5-6
7-8-9-10-11-12-13...
...
12
12-13-14-15-8-9-10-11
12-13-14-15-0-1-2-3-4-5-6-7-8-9-10-11
12-13-14-15-16-17...
13
13-14-15-8-9-10-11-12
13-14-15-0-1-2-3-4-5-6-7-8-9-10-11-12
13-14-15-16-17-18...
14
14-15-8-9-10-11-12-13
14-15-0-1-2-3-4-5-6-7-8-9-10-11-12-13
14-15-16-17-18-19...
15
15-8-9-10-11-12-13-14
15-0-1-2-3-4-5-6-7-8-9-10-11-12-13-14
15-16-17-18-19-20...
AI08904c
Amax-A0(1)
VALID ADDRESS
K
L
DQ15-DQ0
VALID DATA
X-latency
VALID DATA
1st cycle
2nd cycle
3rd cycle
4th cycle
E
tKHKH
tQVK_CPU
tKHQV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com