Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 13Page - STMicroelectronics M58PR256J Datasheet HTML 14Page - STMicroelectronics M58PR256J Datasheet HTML 15Page - STMicroelectronics M58PR256J Datasheet HTML 16Page - STMicroelectronics M58PR256J Datasheet HTML 17Page - STMicroelectronics M58PR256J Datasheet HTML 18Page - STMicroelectronics M58PR256J Datasheet HTML 19Page - STMicroelectronics M58PR256J Datasheet HTML 20Page - STMicroelectronics M58PR256J Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
M58PR256J, M58PR512J
Bus operations
17/114
3
Bus operations
There are seven standard bus operations that control the device. These are Bus Read, Bus
Write, Address Latch, Output Disable, Standby, Reset and Deep Power-Down. See Table 5:
Bus operations, for a summary.
Typically glitches of less than 5ns on Chip Enable or Write Enable are ignored by the
memory and do not affect Bus Write operations.
3.1
Bus Read
Bus Read operations are used to output the contents of the Memory Array, the Electronic
Signature, the Status Register and the Common Flash Interface. Both Chip Enable and
Output Enable must be at VIL in order to perform a read operation. The Chip Enable input
should be used to enable the device. Output Enable should be used to gate data onto the
output. The data read depends on the previous command written to the memory (see
Command Interface section). See Figures 10, 11, 12 and 13 Read AC Waveforms, and
Tables 28 and 29 Read AC Characteristics, for details of when the output becomes valid.
3.2
Bus Write
Bus Write operations write Commands to the memory or latch Input Data to be
programmed. A bus write operation is initiated when Chip Enable and Write Enable are at
VIL with Output Enable at VIH. Commands, Input Data and Addresses are latched on the
rising edge of Write Enable or Chip Enable, whichever occurs first. The addresses can also
be latched prior to the write operation by toggling Latch Enable. In this case the Latch
Enable should be tied to VIH during the bus write operation.
See Figures 15 and 16, Write AC Waveforms, and Tables 30 and 31, Write AC
Characteristics, for details of the timing requirements.
3.3
Address Latch
Address latch operations input valid addresses. Both Chip enable and Latch Enable must be
at VIL during address latch operations. The addresses are latched on the rising edge of
Latch Enable.
3.4
Output Disable
The outputs are high impedance when the Output Enable is at VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com