Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 93 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 93 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 89Page - STMicroelectronics M58PR256J Datasheet HTML 90Page - STMicroelectronics M58PR256J Datasheet HTML 91Page - STMicroelectronics M58PR256J Datasheet HTML 92Page - STMicroelectronics M58PR256J Datasheet HTML 93Page - STMicroelectronics M58PR256J Datasheet HTML 94Page - STMicroelectronics M58PR256J Datasheet HTML 95Page - STMicroelectronics M58PR256J Datasheet HTML 96Page - STMicroelectronics M58PR256J Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
M58PR256J, M58PR512J
Common Flash Interface
93/114
Table 46.
Bank and Erase block region information
Offset(1)
1.
The variable P is a pointer which is defined at CFI offset 015h.
Data
Description
(P+22)h = 12Ch
01h
Number of Bank Regions within the device(2)
2.
Bank Regions. There is one Bank Region, see Tables 35, 36, 37 and 38 in Appendix A.
Table 47.
Bank and Erase block region 1 information(1)
Offset
Data
Description
(P+23)h = 12Dh
16h
Data size of this Bank Region Information Section (addressable locations
including this one)
(P+24)h = 12Eh
00h
(P+25)h = 12Fh
08h
Number of identical banks within Bank Region 1
(P+26)h = 130h
00h
(P+27)h = 131h
11h
Number of program or erase operations allowed in Bank Region 1:
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+28)h = 132h
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+29)h = 133h
00h
Number of program or erase operations allowed in other banks while a
bank in this region is being erased
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+2A)h = 134h
01h
Types of erase block regions in Bank Region 1
n = number of erase block regions with contiguous same-size erase
blocks.
Symmetrically blocked banks have one blocking region(2)
(P+2B)h = 135h
0Fh(3)
1Fh(4)
Bank Region 1 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase blocks in each bank
Bits 16-31: n×256 = number of bytes in erase block region
(P+2C)h = 136h
00h
(P+2D)h = 137h
00h
(P+2E)h = 138h
04h
(P+2F)h = 139h
64h
Bank Region 1 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+30)h = 13Ah
00h
(P+31)h = 13Bh
12h
Bank Region 1 (Erase Block Type 1): BIts per cell, internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com