Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 30Page - STMicroelectronics M58PR256J Datasheet HTML 31Page - STMicroelectronics M58PR256J Datasheet HTML 32Page - STMicroelectronics M58PR256J Datasheet HTML 33Page - STMicroelectronics M58PR256J Datasheet HTML 34Page - STMicroelectronics M58PR256J Datasheet HTML 35Page - STMicroelectronics M58PR256J Datasheet HTML 36Page - STMicroelectronics M58PR256J Datasheet HTML 37Page - STMicroelectronics M58PR256J Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
Command interface
M58PR256J, M58PR512J
34/114
4.25
Suspend EFA Block command
The Suspend EFA Block command is used to pause a Program or Erase EFA Block
operation. The command can be addressed to any bank.
The Resume EFA Block command is required to restart the suspended operation.
One bus write cycle is required to issue the Suspend EFA Block command. Once the
Program/Erase Controller has paused bits SR7, SR6 and/ or SR2 of the Status Register will
be set to '1'.
The following commands are accepted during Suspend EFA Block:
–
Resume EFA Block
–
Read Array
–
Read EFA Block (data from Erase-Suspended Blocks or Program-Suspended
Words is not valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query.
Additionally, if the suspended operation was an Erase EFA Block operation then the
following commands are also accepted:
–
Clear Status Register
–
Program EFA Block (except in the Erase-Suspended Block)
–
Program and Buffer Program in the main array
–
Block Lock
–
Block Lock-Down
–
Block Unlock
–
EFA Block Lock
–
EFA Block Lock-Down
–
EFA Block Unlock
During Suspend EFA Block the EFA Block being erased can be protected by issuing the
EFA Block Lock or EFA Block Lock-Down commands. When the Resume EFA Block
command is issued the operation is resumed and completes. The Suspend EFA Block
operation can be repeated.
For example, it is possible to suspend an Erase EFA Block operation, to start a Program
EFA Block operation, to suspend the program operation, then read EFA locations...
If a Program EFA Block command is issued during a Suspend EFA Block operation, the
Erase EFA Block operation cannot be resumed until the program operation has completed.
The state of the bank where the command was issued will not change.
Refer to Section 11: Dual operations and multiple bank architecture for detailed information
about simultaneous operations allowed during a Suspend EFA Block operation.
During a Suspend EFA Block operation, the device can be placed in standby mode by taking
Chip Enable to VIH. Program/Erase is aborted if Reset, RP, is VIL.
See Appendix C, Figure 22: Program Suspend & Resume flowchart and pseudo code and
Figure 24: Erase Suspend & Resume flowchart and pseudo code, for flowcharts for using
the Suspend EFA Block command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com