Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 38Page - STMicroelectronics M58PR256J Datasheet HTML 39Page - STMicroelectronics M58PR256J Datasheet HTML 40Page - STMicroelectronics M58PR256J Datasheet HTML 41Page - STMicroelectronics M58PR256J Datasheet HTML 42Page - STMicroelectronics M58PR256J Datasheet HTML 43Page - STMicroelectronics M58PR256J Datasheet HTML 44Page - STMicroelectronics M58PR256J Datasheet HTML 45Page - STMicroelectronics M58PR256J Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
Program operations
M58PR256J, M58PR512J
42/114
Figure 5.
Program Regions configured in Control or Object Program mode
5.5
Program methods
The device supports two types of program methods:
●
Single Word Program method, which is used to program a single Word to a specific
address of the memory array.
●
Buffered Program methods, which can be split into two different methods:
–
a Buffer Program method that uses the device's Write Buffer to speed up
programming. The data is written into the Write Buffer and then programmed to
the specified Block address.
–
a Buffer Enhanced Factory Program method, developed to speed up programming
in manufacturing environments where the programming time is critical. The data is
written in the Write Buffer and then programmed to the specified Block.
The following sections describe the relationship between program commands and Program
methods in detail. See Table 12: Relationships between Program methods and Program
modes and Table 11: Program methods available with each Program mode.
Program Region 0
1 KByte (512B Programmable)
128 KWord BLOCK
Data 2
Data 4
F F F F F F F F
SEGMENT 30
Data (n – 4)
Data (n – 2)
Data n
SEGMENT 3
SEGMENT 2
SEGMENT 1
SEGMENT 0
...
Program Region in Control Program Mode
F F F F F F F F
F F F F F F F F
F F F F F F F F
F F F F F F F F
F F F F F F F F
A Halves
(A3 = 0)
B Halves
(A3 = 1)
...
Object
1 KByte
ai10135
SEGMENT 31
:
:
:
:
:
Program Region 1
1 KByte (512B Programmable)
Program Region 254
1 KByte (512B Programmable)
Program Region 255
1 KByte (512B Programmable)
Data 1
Data 3
Data (n – 3)
Data (n – 1)
SEGMENT 30
SEGMENT 3
SEGMENT 2
SEGMENT 1
SEGMENT 0
SEGMENT 31
F F F F F F F F F F F F F F F F
F F F F F F F F F F F F F F F F
F F F F F F
Program Region in Object Program Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com