Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 10Page - STMicroelectronics M58PR256J Datasheet HTML 11Page - STMicroelectronics M58PR256J Datasheet HTML 12Page - STMicroelectronics M58PR256J Datasheet HTML 13Page - STMicroelectronics M58PR256J Datasheet HTML 14Page - STMicroelectronics M58PR256J Datasheet HTML 15Page - STMicroelectronics M58PR256J Datasheet HTML 16Page - STMicroelectronics M58PR256J Datasheet HTML 17Page - STMicroelectronics M58PR256J Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
Signal descriptions
M58PR256J, M58PR512J
14/114
2
Signal descriptions
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-Amax)
Amax is the highest order Address Input. Amax is A23 in the M58PR256J, and A24 in the
M58PR512J. The Address Inputs select the cells in the memory array to access during Bus
Read operations. During Bus Write operations they control the commands sent to the
Command Interface of the Program/Erase Controller.
2.2
Data Input/Output (DQ0-DQ15)
The Data I/O output the data stored at the selected address during a Bus Read operation or
input a command or the data to be programmed during a Bus Write operation.
2.3
Chip Enable (E)
The Chip Enable input activates the memory control logic, input buffers, decoders and
sense amplifiers. When Chip Enable is at VILand Reset is at VIH the device is in active
mode. When Chip Enable is at VIH the memory is deselected, the outputs are high
impedance and the power consumption is reduced to the stand-by level.
2.4
Output Enable (G)
The Output Enable input controls data outputs during the Bus Read operation of the
memory.
2.5
Write Enable (W)
The Write Enable input controls the Bus Write operation of the memory’s Command
Interface. The data and address inputs are latched on the rising edge of Chip Enable or
Write Enable whichever occurs first.
2.6
Write Protect (WP)
Write Protect is an input that gives an additional hardware protection for each Block. When
Write Protect is at VIL, the Lock-Down is enabled and the protection status of the Locked-
Down Blocks cannot be changed. When Write Protect is at VIH, the Lock-Down is disabled
and the Locked-Down Blocks can be locked or unlocked. (refer to Table 21: Lock status).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com