Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 84 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 84 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 80Page - STMicroelectronics M58PR256J Datasheet HTML 81Page - STMicroelectronics M58PR256J Datasheet HTML 82Page - STMicroelectronics M58PR256J Datasheet HTML 83Page - STMicroelectronics M58PR256J Datasheet HTML 84Page - STMicroelectronics M58PR256J Datasheet HTML 85Page - STMicroelectronics M58PR256J Datasheet HTML 86Page - STMicroelectronics M58PR256J Datasheet HTML 87Page - STMicroelectronics M58PR256J Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
Part numbering
M58PR256J, M58PR512J
84/114
16
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 34.
Ordering information scheme
Example:
M58PR256J
E 96
ZB
5
E
Device type
M58
Architecture
P = Multilevel, Multiple Bank, Large Buffer
Operating voltage
R = VDD = 1.7 V to 2.0 V, VDDQ = 1.7 V to 2.0 V
Density
256 = 256 Mbit (×16)
512 = 512 Mbit (×16)
Technology
J = 90 nm Technology Multilevel Design
Memory Organization
E = Uniform blocks
Speed
96 = 96 ns
Package
Not packaged separately(1)
1.
The M58PRxxxJ memories are only available as part of a Multi-chip package device.
Temperature range
5 = –30 to 85 °C
Packing Option
E = ECOPACK® Package, Standard Packing
F = ECOPACK® Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com