Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 66 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 62Page - STMicroelectronics M58PR256J Datasheet HTML 63Page - STMicroelectronics M58PR256J Datasheet HTML 64Page - STMicroelectronics M58PR256J Datasheet HTML 65Page - STMicroelectronics M58PR256J Datasheet HTML 66Page - STMicroelectronics M58PR256J Datasheet HTML 67Page - STMicroelectronics M58PR256J Datasheet HTML 68Page - STMicroelectronics M58PR256J Datasheet HTML 69Page - STMicroelectronics M58PR256J Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 114 page
background image
Program and erase times and endurance cycles
M58PR256J, M58PR512J
66/114
Erase
EFA Block (4 KWord)
0.4
2.5
s
Main Array Block (128 KWord)
0.9
4
s
Program(3)
Single Cell(4)
Word Program(5)
50
230
µs
Single Word(4)
Word Program(5)
50
230
µs
Buffer Enhanced
Factory
Program(4)
4.2
µs
Buffer (512
Words)
Buffer Program
2.15
4.3
ms
Buffer Enhanced
Factory Program
2.15
ms
Main Block (128
KWords)
Buffer Program
0.55
1.1
s
Buffer Enhanced
Factory Program
0.55
s
EFA Block (4 KWord)
0.2
0.94
s
Program/Erase
Cycles (per Block)
Main Array Block (128 KWords)
100,000
cycles
EFA Block (4 KWords)
100,000
Blank Check
Main Array Block
3.2
ms
1.
TA = –30 to 85°C; VDD = 1.7V to 2V; VDDQ = 1.7V to 2V.
2.
Values are liable to change with the external system-level overhead (command sequence and Status
Register polling execution).
3.
Excludes the time needed to execute the command sequence.
4.
This is an average value on the entire device.
5.
The first Word Program in a Program Region will take 115µs, the subsequent Words will take 50µs to
program.
Table 22.
Program/Erase times and endurance cycles(1) (2) (continued)
Parameter
Condition
Min
Typ
Typical after
100kW/E
Cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com