Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 51 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 47Page - STMicroelectronics M58PR256J Datasheet HTML 48Page - STMicroelectronics M58PR256J Datasheet HTML 49Page - STMicroelectronics M58PR256J Datasheet HTML 50Page - STMicroelectronics M58PR256J Datasheet HTML 51Page - STMicroelectronics M58PR256J Datasheet HTML 52Page - STMicroelectronics M58PR256J Datasheet HTML 53Page - STMicroelectronics M58PR256J Datasheet HTML 54Page - STMicroelectronics M58PR256J Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
M58PR256J, M58PR512J
Configuration Register
51/114
7.3
Wait Polarity bit (CR10)
The Wait Polarity bit is used to set the polarity of the Wait signal used in Synchronous Burst
Read mode.
When:
●
CR10 = 0, the Wait signal is active Low,
●
CR10 = 1, the Wait signal is active High.
During Synchronous Burst Read mode the Wait signal indicates whether the data output are
valid or a WAIT state must be inserted.
7.4
Wait Configuration bit (CR8)
The Wait Configuration bit is used to control the timing of the Wait output pin, WAIT, in
Synchronous Burst Read mode.
When:
●
CR8 = 0, the Wait output pin is asserted during the WAIT state,
●
CR8 = 1, the Wait output pin is asserted one data cycle before the WAIT state.
When WAIT is asserted, Data is Not Valid and when WAIT is de-asserted, Data is Valid.
7.5
Burst length bits (CR2-CR0)
The Burst Length bits are used to set the number of Words to be output during a
Synchronous Burst Read operation as result of a single address latch cycle.
They can be set for 8 Words, 16 Words or continuous burst, where all the Words are read
sequentially. In Continuous Burst mode the burst sequence can cross bank boundaries.
In Continuous Burst mode, the device asserts the WAIT signal to indicate that a delay is
necessary before the data is output.
In Continuous Burst mode, if the starting address is not aligned to the 16 Word boundary,
WAIT will be asserted when the burst sequence crosses the first 16 Word boundary to
indicate that the device needs an internal delay to read the successive Words in the array.
In the worst case, the number of WAIT states is one clock cycle less than the latency setting.
WAIT will be asserted only once during a continuous burst access. See also Table 16: Burst
type definition.
CR9, CR7, CR6, CR5, CR4 and CR3 are reserved for future use.
Table 14.
X-latency settings
fmax
tKmin
X-Latency
40 MHz
25 ns
4
54 MHz
19 ns
5
66 MHz
15 ns
6
108MHz
9ns
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com