Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 41Page - STMicroelectronics M58PR256J Datasheet HTML 42Page - STMicroelectronics M58PR256J Datasheet HTML 43Page - STMicroelectronics M58PR256J Datasheet HTML 44Page - STMicroelectronics M58PR256J Datasheet HTML 45Page - STMicroelectronics M58PR256J Datasheet HTML 46Page - STMicroelectronics M58PR256J Datasheet HTML 47Page - STMicroelectronics M58PR256J Datasheet HTML 48Page - STMicroelectronics M58PR256J Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
M58PR256J, M58PR512J
Status Register
45/114
6
Status Register
The Status Register provides information on the current or previous program or erase
operations.
Issue a Read Status Register command to read the contents of the Status Register, refer to
Read Status Register Command section for more details.
To output the contents, the Status Register is latched and updated on the falling edge of the
Chip Enable or Output Enable signals and can be read until Chip Enable or Output Enable
returns to VIH.
The Status Register can only be read using single Asynchronous or Single Synchronous
reads.
Bus Read operations from any address within the bank, always read the Status Register
during program and erase operations, if no Read Array command has been issued.
The various bits convey information about the status and any errors of the operation. Bits
SR7, SR6, SR2 and SR0 give information on the status of the device and are set and reset
by the device. Bits SR9, SR8, SR5, SR4, SR3 and SR1 give information on errors, they are
set by the device but must be reset by issuing a Clear Status Register command or a
hardware reset. If an error bit is set to ‘1’ the Status Register should be reset before issuing
another command.
The bits in the Status Register are summarized in Table 13: Status Register bits. Refer to
Table 13 in conjunction with the following text descriptions.
6.1
Control Program Mode status bit (SR9)
The Control Program Mode Status Bit, SR9, is used to indicate whether an error occurred
when writing to a Program Region configured in the Control Program mode.
The SR9 bit should be read once the Program/Erase Controller Status bit SR7 is set to ‘1’
(Program/Erase Controller inactive).
SR9 is set to 1 when the user attempts to program Object data in a Control Mode region.
When:
●
SR9 = 0, the program operation has completed successfully,
●
SR9 = 1, the program operation failed.
Once set to ‘1’, SR9 can only be cleared by issuing a Clear Status Register command or
through a hardware reset.
SR9 should be cleared before a new program command is issued, otherwise the new
command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com