Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 43Page - STMicroelectronics M58PR256J Datasheet HTML 44Page - STMicroelectronics M58PR256J Datasheet HTML 45Page - STMicroelectronics M58PR256J Datasheet HTML 46Page - STMicroelectronics M58PR256J Datasheet HTML 47Page - STMicroelectronics M58PR256J Datasheet HTML 48Page - STMicroelectronics M58PR256J Datasheet HTML 49Page - STMicroelectronics M58PR256J Datasheet HTML 50Page - STMicroelectronics M58PR256J Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
M58PR256J, M58PR512J
Status Register
47/114
6.5
Erase status bit (SR5)
The Erase Status bit is used to identify if there was an error during a Block Erase operation.
When:
●
SR5 = 0 no error has occurred,
●
SR5 = 1 the Program/Erase Controller has applied the maximum number of pulses to
the Block or bank and still failed to verify that it has erased correctly.
The Erase Status bit should be read once the Program/Erase Controller Status bit is set to
’1’ (Program/Erase Controller inactive).
Once set, the Erase Status bit must be cleared, by a Clear Status Register command or a
hardware reset, before a new erase command is issued, otherwise the new command will
appear to fail.
6.6
Program status bit (SR4)
The Program Status bit is used to identify if there was an error during a program operation.
The Program Status bit should be read once the Program/Erase Controller Status bit is set
to ‘1’ (Program/Erase Controller inactive).
When:
●
SR4 = 0, no error has occurred,
●
SR4 = 1, the Program/Erase Controller has applied the maximum number of pulses to
the Word and still failed to verify that it has programmed correctly.
Attempting to program a '1' to an already programmed bit while VPP = VPPH will also set the
Program Status bit to ’1’. If VPP is different from VPPH, SR4 remains set to '0' and the
attempt is not shown.
Once set to '1', the Program Status bit must be cleared, by a Clear Status Register
command or a hardware reset, before a new program command is issued, otherwise the
new command will appear to fail.
6.7
VPP status bit (SR3)
The VPP Status bit is used to identify an invalid voltage on the VPP pin during program and
erase operations. The VPP pin is only sampled at the beginning of a program or erase
operation. Program and erase operations are not guaranteed if VPP becomes invalid during
an operation.
When:
●
SR3 = 0, the voltage on the VPP pin was sampled at a valid voltage,
●
SR3 = 1, the VPP pin has a voltage that is below the VPP Lockout Voltage, VPPLK, the
memory is protected and program and erase operations cannot be performed.
Once set to ‘1’, the VPP Status bit must be cleared by a Clear Status Register command or a
hardware reset, before a new program or erase command is issued, otherwise the new
command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com