Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 82 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 82 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 78Page - STMicroelectronics M58PR256J Datasheet HTML 79Page - STMicroelectronics M58PR256J Datasheet HTML 80Page - STMicroelectronics M58PR256J Datasheet HTML 81Page - STMicroelectronics M58PR256J Datasheet HTML 82Page - STMicroelectronics M58PR256J Datasheet HTML 83Page - STMicroelectronics M58PR256J Datasheet HTML 84Page - STMicroelectronics M58PR256J Datasheet HTML 85Page - STMicroelectronics M58PR256J Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
DC and ac parameters
M58PR256J, M58PR512J
82/114
Figure 17.
Reset and Power-up ac waveforms
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL
Table 32.
Reset and Power-up ac characteristics
Symbol
Parameter
Test condition
108 MHz/66 MHz
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to Write Enable Low,
Reset Low to Chip Enable Low,
Reset Low to Output Enable Low,
Reset Low to Latch Enable Low
During Program
Min
25
µs
During Erase
Min
30
µs
Other Conditions
Min
80
ns
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to Write Enable Low
Reset High to Chip Enable Low
Reset High to Output Enable Low
Reset High to Latch Enable Low
Min
30
ns
tPLPH
(1),(2)
RP Pulse Width
Min
50
ns
tVDHPH
(3)
Supply Voltages High to Reset High
Min
300
µs
1.
The device Reset is possible but not guaranteed if tPLPH < 50ns.
2.
Sampled only, not 100% tested.
3.
It is important to assert RP in order to allow proper CPU initialization during Power-Up or Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com