Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 25Page - STMicroelectronics M58PR256J Datasheet HTML 26Page - STMicroelectronics M58PR256J Datasheet HTML 27Page - STMicroelectronics M58PR256J Datasheet HTML 28Page - STMicroelectronics M58PR256J Datasheet HTML 29Page - STMicroelectronics M58PR256J Datasheet HTML 30Page - STMicroelectronics M58PR256J Datasheet HTML 31Page - STMicroelectronics M58PR256J Datasheet HTML 32Page - STMicroelectronics M58PR256J Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
M58PR256J, M58PR512J
Command interface
29/114
4.14
Program/Erase Resume command
The Program/Erase Resume command is used to restart the program or erase operation
suspended by the Program/Erase Suspend command. One Bus Write cycle is required to
issue the command. The command can be issued to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank was in Read Status Register, Read Electronic signature or Read CFI
Query mode the bank remains in that mode and outputs the corresponding data.
If a Program command is issued during a Block Erase Suspend, then the erase cannot be
resumed until the program operation has completed.
See Appendix C, Figure 22: Program Suspend & Resume flowchart and pseudo code and
Figure 24: Erase Suspend & Resume flowchart and pseudo code, for flowcharts for using
the Program/Erase Resume command.
4.15
Protection Register Program command
The Protection Register Program command is used to program the user One-Time-
Programmable (OTP) area of the Protection Register and the two Protection Register Locks.
The device features 16 OTP areas of 128 bits and one OTP area of 64 bits, as shown in
Figure 4: Protection Register memory map.
The areas are programmed one Word at a time. When shipped all bits in the area are set to
‘1’. The user can only program the bits to ‘0’.
Two Bus Write cycles are required to issue the Protection Register Program command.
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the address and data to be programmed to the Protection Register
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
program operation has started.
Attempting to program a previously protected Protection Register will result in a Status
Register error.
The Protection Register Program cannot be suspended. Dual operations between the
Extended Flash Array (EFA) and the Protection Register memory space are not allowed
(see Table 20: Dual operation limitations for details).
The two Protection Register Locks are used to protect the OTP areas from further
modification. The protection of the OTP areas is not reversible. Refer to Figure 4: Protection
Register memory map, for details on the Lock bits.
See Appendix C, Figure 27: Protection Register Program flowchart and pseudo code, for a
flowchart for using the Protection Register Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com