Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 32Page - STMicroelectronics M58PR256J Datasheet HTML 33Page - STMicroelectronics M58PR256J Datasheet HTML 34Page - STMicroelectronics M58PR256J Datasheet HTML 35Page - STMicroelectronics M58PR256J Datasheet HTML 36Page - STMicroelectronics M58PR256J Datasheet HTML 37Page - STMicroelectronics M58PR256J Datasheet HTML 38Page - STMicroelectronics M58PR256J Datasheet HTML 39Page - STMicroelectronics M58PR256J Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
Command interface
M58PR256J, M58PR512J
36/114
4.29
Lock-Down EFA Block command
The Lock-Down EFA Block command is used to lock down a locked or unlocked EFA Block.
A locked-down EFA Block cannot be programmed or erased. The lock status of a locked-
down EFA Block cannot be changed when WP is low, VIL. When WP is High, VIH, the lock-
down function is disabled and the locked EFA Blocks can be individually unlocked by issuing
the Unlock EFA Block command.
Two Bus Write cycles are required to issue the Lock-Down EFA Block command.
●
The first bus cycle sets up the Lock-Down EFA Block command.
●
The second Bus Write cycle latches the Block address and locks down the Block.
The lock status can be monitored for each EFA Block using the Read Electronic Signature
command.
Locked-Down EFA Blocks revert to the locked (and not locked-down) state when the device
is reset on power-down. Table 21 shows the Lock Status after issuing a Lock-Down EFA
Block command.
Refer to Section 12: Block locking for a detailed explanation and to Appendix C, Figure 25:
Main Array and EFA locking operations flowchart and pseudo code, for a flowchart for using
the Lock-Down EFA Block command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com