Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 31Page - STMicroelectronics M58PR256J Datasheet HTML 32Page - STMicroelectronics M58PR256J Datasheet HTML 33Page - STMicroelectronics M58PR256J Datasheet HTML 34Page - STMicroelectronics M58PR256J Datasheet HTML 35Page - STMicroelectronics M58PR256J Datasheet HTML 36Page - STMicroelectronics M58PR256J Datasheet HTML 37Page - STMicroelectronics M58PR256J Datasheet HTML 38Page - STMicroelectronics M58PR256J Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
M58PR256J, M58PR512J
Command interface
35/114
4.26
Resume EFA Block command
The Resume EFA Block command is used to restart the Program or Erase EFA Block
operation suspended by the Suspend EFA Block command. One Bus Write cycle is required
to issue the command. The command can be issued to any address.
The Resume EFA Block command does not change the read mode of the banks.
If a Program EFA Block command is issued while an Erase EFA Block operation has been
suspended, then the erase operation cannot be resumed until the program operation has
completed.
See Appendix C, Figure 22: Program Suspend & Resume flowchart and pseudo code and
Figure 24: Erase Suspend & Resume flowchart and pseudo code, for flowcharts for using
the Resume EFA Block command.
4.27
Lock EFA Block command
The Lock EFA Block command is used to lock an EFA Block and prevent program or erase
operations from changing the data in it. All EFA Blocks are locked after power-up or reset.
Two Bus Write cycles are required to issue the Lock EFA Block command.
●
The first bus cycle sets up the Lock EFA Block command.
●
The second bus cycle latches the Block address and locks the Block.
The lock status can be monitored for each EFA Block using the Read Electronic Signature
command.
Once set, the Block Lock bits remain set even after a hardware reset or a power-
down/power-up sequence. They are cleared by an Unlock EFA Block command.
Program or Erase operations to a locked EFA Block generates an error in the Status
Register (SR1=1).
Refer to Section 12: Block locking for a detailed explanation. See Appendix C, Figure 25:
Main Array and EFA locking operations flowchart and pseudo code, for a flowchart for using
the Lock EFA Block command.
4.28
Unlock EFA Block command
The Unlock EFA Block command is used to unlock an EFA Block, allowing the EFA Block to
be programmed or erased.
Two Bus Write cycles are required to issue the Unlock EFA Block command.
●
The first bus cycle sets up the Unlock EFA Block command.
●
The second Bus Write cycle latches the Block address and unlocks the Block.
The lock status can be monitored for each EFA Block using the Read Electronic Signature
command.
Refer to Section 12: Block locking for a detailed explanation and to Appendix C, Figure 25:
Main Array and EFA locking operations flowchart and pseudo code, for a flowchart for using
the Unlock EFA Block command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com