Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 30 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 26Page - STMicroelectronics M58PR256J Datasheet HTML 27Page - STMicroelectronics M58PR256J Datasheet HTML 28Page - STMicroelectronics M58PR256J Datasheet HTML 29Page - STMicroelectronics M58PR256J Datasheet HTML 30Page - STMicroelectronics M58PR256J Datasheet HTML 31Page - STMicroelectronics M58PR256J Datasheet HTML 32Page - STMicroelectronics M58PR256J Datasheet HTML 33Page - STMicroelectronics M58PR256J Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
Command interface
M58PR256J, M58PR512J
30/114
4.16
Set Configuration Register command
The Set Configuration Register command is used to write a new value to the Configuration
Register.
Two Bus Write cycles are required to issue the Set Configuration Register command.
The first cycle sets up the Set Configuration Register command and the address
corresponding to the Configuration Register content.
The second cycle writes the Configuration Register data and the confirm command.
The Configuration Register data must be written as an address during the bus write cycles,
that is A0 = CR0, A1 = CR1, …, A15 = CR15. Addresses A16-Amax are ignored.
Read operations output the array content after the Set Configuration Register command is
issued.
The Read Electronic Signature command is required to read the updated contents of the
Configuration Register.
4.17
Block Lock command
The Block Lock command is used to lock a Block and prevent program or erase operations
from changing the data in it. All Blocks are locked after power-up or reset.
Two Bus Write cycles are required to issue the Block Lock command.
The first bus cycle sets up the Block Lock command.
The second Bus Write cycle latches the Block address and locks the Block.
The lock status can be monitored for each Block using the Read Electronic Signature
command. Table 21 shows the Lock Status after issuing a Block Lock command.
Once set, the Block Lock bits remain set even after a hardware reset or power-down/power-
up. They are cleared by a Block Unlock command.
Refer to the section, Block Locking, for a detailed explanation. See Appendix C, Figure 25:
Main Array and EFA locking operations flowchart and pseudo code, for a flowchart for using
the Lock command.
4.18
Block Unlock command
The Block Unlock command is used to unlock a Block, allowing the Block to be programmed
or erased.
Two Bus Write cycles are required to issue the Block Unlock command.
The first bus cycle sets up the Block Unlock command.
The second Bus Write cycle latches the Block address and unlocks the Block.
The lock status can be monitored for each Block using the Read Electronic Signature
command. Table 21 shows the protection status after issuing a Block Unlock command.
Refer to the section, Block Locking, for a detailed explanation and Appendix C, Figure 25:
Main Array and EFA locking operations flowchart and pseudo code, for a flowchart for using
the Block Unlock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com