Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 55 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 51Page - STMicroelectronics M58PR256J Datasheet HTML 52Page - STMicroelectronics M58PR256J Datasheet HTML 53Page - STMicroelectronics M58PR256J Datasheet HTML 54Page - STMicroelectronics M58PR256J Datasheet HTML 55Page - STMicroelectronics M58PR256J Datasheet HTML 56Page - STMicroelectronics M58PR256J Datasheet HTML 57Page - STMicroelectronics M58PR256J Datasheet HTML 58Page - STMicroelectronics M58PR256J Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
M58PR256J, M58PR512J
Enhanced Configuration Register
55/114
8
Enhanced Configuration Register
The Enhanced Configuration Register (ECR) is used to enable the Deep Power Down mode
and to configure the output driver strength.
The Enhanced Configuration Register is set through the Command Interface using the Set
Enhanced Configuration Register command.
Its contents can be read by issuing the Read Electronic Signature command and then by
reading from the Bank Base Address + 06h.
The ECR is volatile: after a reset or a power-down/power-up sequence the register is set to
the default value. The Configuration Register bits are described in Table 17
8.1
Deep Power-Down Mode bit (ECR15)
The Deep Power-Down Mode Bit, ECR15, is used to enable the Deep Power-Down mode.
The device can only enter the Deep Power-Down mode from standby, by asserting the DPD
pin and setting ECR15 to ‘1’, whatever the order of the last two operations.
When the device is in the Deep Power-Down mode, de-asserting the DPD pin and/or
resetting ECR15 causes the device to revert to the Standby mode.
8.2
Deep Power-Down Polarity bit (ECR14)
The Deep Power-Down Polarity bit is used to set the polarity of the DPD signal.
When:
●
ECR14 = 0, the DPD signal is active Low (default),
●
ECR14 = 1, the DPD signal is active High.
8.3
Output Driver Control bits (ECR2-ECR0)
The Output Driver Control bits, ECR0, ECR1 and ECR2, are used to select the best suited
output driver impedance to the system requirements.
After reset or power-up the Output Driver Control bits are set to the Enhanced Configuration
Register default value (ECR2-ECR0 = 100, that is 30W (30pF) (Default)). Optimum
performance will be obtained only if the output driver impedance is configured properly.
Once a configuration has been selected, all data and WAIT output drivers are set to the
same setting.
Table 17 gives the output driver impedances at VDDQ/2 and the loads that correspond for
each ECR2-ECR0 bit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com