Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 71 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 67Page - STMicroelectronics M58PR256J Datasheet HTML 68Page - STMicroelectronics M58PR256J Datasheet HTML 69Page - STMicroelectronics M58PR256J Datasheet HTML 70Page - STMicroelectronics M58PR256J Datasheet HTML 71Page - STMicroelectronics M58PR256J Datasheet HTML 72Page - STMicroelectronics M58PR256J Datasheet HTML 73Page - STMicroelectronics M58PR256J Datasheet HTML 74Page - STMicroelectronics M58PR256J Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
M58PR256J, M58PR512J
DC and ac parameters
71/114
IPP3
(3)
VPP supply current (Standby,
Program/Erase Suspend)
VPP ≤VDD
0.2
5
µA
IPP4
VPP supply current (Blank Check)
VPP = VPPH
0.05
0.1
mA
VPP = VPP1
0.05
0.1
mA
1.
All inputs stable.
2.
The DPD current is measured 40µs after entering the Deep Power Down mode.
3.
Sampled only, not 100% tested.
4.
VDD Dual Operation current is the sum of read and program or erase currents.
Table 27.
DC characteristics - voltages
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIL
Input low voltage
0
0.4
V
VIH
Input high voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output low voltage
IOL = 100 µA
0.1
V
VOH
Output high voltage
IOH = –100 µA
VDDQ –0.1
V
VPP1
VPP Program voltage-logic
Program, Erase
1.1
1.8
3.3
V
VPPH
VPP Program voltage factory Program, Erase
8.5
9.0
9.5
V
VPPLK
Program or Erase lockout
0.4
V
VLKO
VDD lock voltage
1
V
VRPH
RP pin Extended High
voltage
3.3
V
VLKOQ VDDQ lock voltage
0.9
V
Table 26.
DC characteristics - currents (continued)
Symbol
Parameter
Test condition(1)
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com