Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR256J Datasheet(PDF) 105 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 105 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 101Page - STMicroelectronics M58PR256J Datasheet HTML 102Page - STMicroelectronics M58PR256J Datasheet HTML 103Page - STMicroelectronics M58PR256J Datasheet HTML 104Page - STMicroelectronics M58PR256J Datasheet HTML 105Page - STMicroelectronics M58PR256J Datasheet HTML 106Page - STMicroelectronics M58PR256J Datasheet HTML 107Page - STMicroelectronics M58PR256J Datasheet HTML 108Page - STMicroelectronics M58PR256J Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 114 page
background image
M58PR256J, M58PR512J
Flowcharts and pseudo codes
105/114
Figure 28.
Buffer Enhanced Factory Program flowchart and pseudo code
1.
When programming a Program Region configured in Control Program mode, ’B’ half Segment addresses (A3 = 1) should
not contain ’0’ values.
2.
BA1 = Block containing Start Address WA1.
Write 80h to
Address WA1
AI10519b
Start
Write D0h to
Address WA1
Write FFFFh to
Address = NOT BA1 (2)
Read Status
Register
SR7 = 0
NO
NO
SR0 = 0
YES
Read Status Register
SR3 and SR1for errors
Exit
Write PDX (1)
Address WA1
Increment Count
X = X + 1
Initialize count
X = 0
X = 512
YES
Read Status
Register
Last data?
YES
Read Status
Register
SR7 = 1
YES
Full Status Register
Check
End
YES
SR4 = 1
NO
NO
NO
NO
SETUP PHASE
PROGRAM AND
VERIFY PHASE
EXIT PHASE
Buffer_Enhanced_Factory_Program_Command
(start_address, DataFlow[]) {
writeToFlash (start_address, 0x80) ;
writeToFlash (start_address, 0xD0) ;
do {
do {
status_register = readFlash (start_address);
if (status_register.SR4==1) { /*error*/
if (status_register.SR3==1) error_handler ( ) ;/*VPP error */
if (status_register.SR1==1) error_handler ( ) ;/* Locked Block */
}
while (status_register.SR7==1)
x=0; /* initialize count */
do {
writeToFlash (start_address, DataFlow[x]);
x++;
}while (x<512)
do {
status_register = readFlash (start_address);
}while (status_register.SR0==1)
} while (not last data)
writeToFlash (another_block_address, FFFFh)
do {
status_register = readFlash (start_address)
}while (status_register.SR7==0)
full_status_register_check();
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com