Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 26Page - Renesas Technology Corp RA4M1 Datasheet HTML 27Page - Renesas Technology Corp RA4M1 Datasheet HTML 28Page - Renesas Technology Corp RA4M1 Datasheet HTML 29Page - Renesas Technology Corp RA4M1 Datasheet HTML 30Page - Renesas Technology Corp RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp RA4M1 Datasheet HTML 33Page - Renesas Technology Corp RA4M1 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 30 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Note:
Make sure that Tj = Ta + θja × total power consumption (W),
where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL + ICCmax × VCC.
Note 1.
The upper limit of operating temperature is +85°C or +105°C, depending on the product. For details, see section 1.3, Part
Numbering. If the part number shows the operation temperature at 85°C, then the maximum value of Tj is +105°C, otherwise, it
is +125°C.
2.2.2
I/O VIH, VIL
Note 1.
P205, P206, P400, P401, P407, P408 (total 6 pins).
Note 2.
P100, P101, P204, P205, P206, P400, P401, P407, P408 (total 9 pins).
Note 3.
P205, P206, P400 to P404, P407, P408 (total 9 pins).
Table 2.3
DC Characteristics
Conditions: Products with operating temperature (Ta) -40 to +105°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
-
125
°C
High-speed mode
Middle-speed mode
Low-voltage mode
Low-speed mode
Subosc-speed mode
105*1
Table 2.4
I/O VIH, VIL (1)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 2.7 to 5.5V, VBATT = 1.6 to 3.6 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Schmitt trigger
input voltage
IIC*1 (except for SMBus)
VIH
VCC × 0.7
-
5.8
V
-
VIL
--
VCC × 0.3
ΔVT
VCC × 0.05
-
-
RES, NMI
Other peripheral input pins
excluding IIC
VIH
VCC × 0.8
-
-
VIL
-
-
VCC × 0.2
ΔVT
VCC × 0.1
-
-
Input voltage
(except for
Schmitt trigger
input pin)
IIC (SMBus)*2
VIH
2.2
-
-
VCC = 3.6 to 5.5 V
VIH
2.0
-
-
VCC = 2.7 to 3.6 V
VIL
--
0.8
-
5 V-tolerant ports*3
VIH
VCC × 0.8
-
5.8
VIL
-
-
VCC × 0.2
P914, P915
VIH
VCC_USB × 0.8 -
VCC_USB + 0.3
VIL
-
-
VCC_USB × 0.2
P000 to P008, P010 to P015 VIH
AVCC0 × 0.8
-
-
VIL
--
AVCC0 × 0.2
EXTAL
Input ports pins except for
P000 to P008, P010 to
P015, P914, P915
VIH
VCC × 0.8
-
-
VIL
-
-
VCC × 0.2
When VBATT
power supply is
selected
P402, P403, P404
VIH
VBATT × 0.8
-
VBATT + 0.3
VIL
--
VBATT × 0.2
ΔVT
VBATT × 0.05
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com