Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 72Page - Renesas Technology Corp RA4M1 Datasheet HTML 73Page - Renesas Technology Corp RA4M1 Datasheet HTML 74Page - Renesas Technology Corp RA4M1 Datasheet HTML 75Page - Renesas Technology Corp RA4M1 Datasheet HTML 76Page - Renesas Technology Corp RA4M1 Datasheet HTML 77Page - Renesas Technology Corp RA4M1 Datasheet HTML 78Page - Renesas Technology Corp RA4M1 Datasheet HTML 79Page - Renesas Technology Corp RA4M1 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 76 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Note 1.
tPcyc: PCLKA cycle.
Note 2.
N is set as an integer from 1 to 8 by the SPCKD register.
Note 3.
N is set as an integer from 1 to 8 by the SSLND register.
Note 4.
The upper limit of RSPCK is 16 MHz.
SPI
Data output delay
Master
2.7 V or above
tOD
-14
ns
Figure 2.53 to
Figure 2.58
2.4 V or above
-
20
1.8 V or above
-
25
1.6 V or above
-
30
Slave
2.7 V or above
-
50
2.4 V or above
-
60
1.8 V or above
-
85
1.6 V or above
-
110
Data output hold time Master
tOH
0-
ns
Slave
0
-
Successive
transmission delay
Master
tTD
tSPcyc + 2 ×
tPcyc
8 × tSPcyc
+ 2 × tPcyc
ns
Slave
6 × tPcyc
-
MOSI and MISO rise
and fall time
Output
2.7 V or above
tDr, tDf
-10
ns
2.4 V or above
-
15
1.8 V or above
-
20
1.6 V or above
-
30
Input
-
1
µs
SSL rise and fall time Output
2.7 V or above
tSSLr,
tSSLf
-10
ns
2.4 V or above
-
15
1.8 V or above
-
20
1.6 V or above
-
30
Input
-
1
µs
Slave access time
2.4 V or above
tSA
-2 × tPcyc + 100
ns
Figure 2.57 and
Figure 2.58
1.8 V or above
-
2 × tPcyc + 140
1.6 V or above
-
2 × tPcyc + 180
Slave output release time
2.4 V or above
tREL
-2 × tPcyc + 100
ns
1.8 V or above
-
2 × tPcyc + 140
1.6 V or above
-
2 × tPcyc + 180
Table 2.36
SPI timing (2 of 2)
Conditions: Middle drive output is selected in the Port Drive Capability bit in PmnPFS register
Parameter
Symbol
Min
Max
Unit*1
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com