Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 24Page - Renesas Technology Corp RA4M1 Datasheet HTML 25Page - Renesas Technology Corp RA4M1 Datasheet HTML 26Page - Renesas Technology Corp RA4M1 Datasheet HTML 27Page - Renesas Technology Corp RA4M1 Datasheet HTML 28Page - Renesas Technology Corp RA4M1 Datasheet HTML 29Page - Renesas Technology Corp RA4M1 Datasheet HTML 30Page - Renesas Technology Corp RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 28 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.1
Absolute Maximum Ratings
Caution:
Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency characteristics
between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, between the VCC_USB and VSS_USB pins,
between the VREFH0 and VREFL0 pins, and between the VREFH and VREFL pins. Place capacitors of about 0.1 μF
as close as possible to every power supply pin and use the shortest and heaviest possible traces. Also, connect
capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. The capacitor must be placed close to the pin.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that
results from input of such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in
the device at this time might cause degradation of internal elements.
Note 1.
Ports P205, P206, P400 to P404, P407, P408 are 5 V tolerant.
Note 2.
See section 2.2.1, Tj/Ta Definition.
Note 3.
Contact a Renesas Electronics sales office for information on derating operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
Note 4.
The upper limit of operating temperature is +85°C or +105°C, depending on the product. For details, see section 1.3, Part
Numbering.
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
-0.5 to +6.5
V
Input voltage
5 V-tolerant ports*1
Vin
-0.3 to +6.5
V
P000 to P008, P010 to P015
Vin
-0.3 to AVCC0 + 0.3
V
Others
Vin
-0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
-0.3 to +6.5
V
VREFH
V
VBATT power supply voltage
VBATT
-0.5 to +6.5
V
Analog power supply voltage
AVCC0
-0.5 to +6.5
V
USB power supply voltage
VCC_USB
-0.5 to +6.5
V
VCC_USB_LDO
-0.5 to +6.5
V
Analog input voltage
When AN000 to AN014 are
used
VAN
-0.3 to AVCC0 + 0.3
V
When AN016 to AN025 are
used
-0.3 to VCC + 0.3
V
LCD voltage
VL1 voltage
VL1
-0.3 to +2.8
V
VL2 voltage
VL2
-0.3 to +6.5
V
VL3 voltage
VL3
-0.3 to +6.5
V
VL4 voltage
VL4
-0.3 to +6.5
V
Operating temperature*2,*3,*4
Topr
-40 to +105
°C
-40 to +85
Storage temperature
Tstg
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com