Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp RA4M1 Datasheet HTML 12Page - Renesas Technology Corp RA4M1 Datasheet HTML 13Page - Renesas Technology Corp RA4M1 Datasheet HTML 14Page - Renesas Technology Corp RA4M1 Datasheet HTML 15Page - Renesas Technology Corp RA4M1 Datasheet HTML 16Page - Renesas Technology Corp RA4M1 Datasheet HTML 17Page - Renesas Technology Corp RA4M1 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 14 of 131
Sep 29, 2023
RA4M1 Group
1. Overview
USBFS
VSS_USB
Input
Ground pin
VCC_USB_LDO
Input
Power supply pin for USB LDO regulator
VCC_USB
I/O
Input: USB transceiver power supply pin.
Output: USB LDO regulator output pin. This pin should be connected to an
external capacitor.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. This pin should be connected to the
D+ pin of the USB bus.
USB_DM
I/O
D- I/O pin of the USB on-chip transceiver. This pin should be connected to the
D- pin of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. This pin should be connected to VBUS of
the USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a device controller.
USB_EXICEN
Output
Low power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins. Connect the
VBUS comparator signals to these pins when the OTG power supply chip is
connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during operation in
OTG mode
Analog power
supply
AVCC0
Input
Analog voltage supply pin
AVSS0
Input
Analog voltage supply ground pin
VREFH0
Input
Analog reference voltage supply pin
VREFL0
Input
Reference power supply ground pin
VREFH
Input
Analog reference voltage supply pin for D/A converter
VREFL
Input
Analog reference ground pin for D/A converter
ADC14
AN000 to AN014,
AN016 to AN025
Input
Input pins for the analog signals to be processed by the A/D converter
ADTRG0
Input
Input pins for the external trigger signals that start the A/D conversion, active-
low
DAC12
DA0
Output
Output pins for the analog signals to be processed by the D/A converter
Comparator
output
VCOUT
Output
Comparator output pin
ACMPLP
CMPREF0,
CMPREF1
Input
Reference voltage input pin
CMPIN0, CMPIN1
Input
Analog voltage input pins
OPAMP
AMP0+ to AMP3+
Input
Analog voltage input pins
AMP0- to AMP3-
Input
Analog voltage input pins
AMP0O to AMP3O
Output
Analog voltage output pins
CTSU
TS00 to TS13,
TS17 to TS22,
TS27 to TS31,
TS34, TS35
Input
Capacitive touch detection pins (touch pins)
TSCAP
-
Secondary power supply pin for the touch driver
Table 1.15
Pin functions (3 of 4)
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com