Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp RA4M1 Datasheet HTML 12Page - Renesas Technology Corp RA4M1 Datasheet HTML 13Page - Renesas Technology Corp RA4M1 Datasheet HTML 14Page - Renesas Technology Corp RA4M1 Datasheet HTML 15Page - Renesas Technology Corp RA4M1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 12 of 131
Sep 29, 2023
RA4M1 Group
1. Overview
1.5
Pin Functions
Table 1.15
Pin functions (1 of 4)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect this pin to the system power supply. Connect it to
VSS through a 0.1-μF capacitor. The capacitor should be placed close to the
pin.
VCL
I/O
Connect this pin to the VSS pin through the smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect to the system power supply (0 V).
VBATT
Input
Backup power supply pin
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through the
EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
CLKOUT
Output
Clock output pin
Operating mode
control
MD
Input
Pins for setting the operating mode. The signal levels on these pins must not
be changed during operation mode transition on release from the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal goes
low.
CAC
CACREF
Input
Measurement reference clock input pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ12,
IRQ14, IRQ15
Input
Maskable interrupt request pins
KINT
KR00 to KR07
Input
Key interrupt input pins.
A key interrupt (KINT) can be generated by inputting a falling edge to the key
interrupt input pins.
On-chip debug
TMS
I/O
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
SWO
Output
Serial wire trace output pin
Battery Backup
VBATWIO0 to
VBATWIO2
I/O
Output wakeup signal for the VBATT wakeup control function.
External event input for the VBATT wakeup control function.
GPT
GTETRGA,
GTETRGB
Input
External trigger input pin
GTIOC0A to
GTIOC7A,
GTIOC0B to
GTIOC7B
I/O
Input capture, output capture, or PWM output pin
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com