Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 91Page - Renesas Technology Corp RA4M1 Datasheet HTML 92Page - Renesas Technology Corp RA4M1 Datasheet HTML 93Page - Renesas Technology Corp RA4M1 Datasheet HTML 94Page - Renesas Technology Corp RA4M1 Datasheet HTML 95Page - Renesas Technology Corp RA4M1 Datasheet HTML 96Page - Renesas Technology Corp RA4M1 Datasheet HTML 97Page - Renesas Technology Corp RA4M1 Datasheet HTML 98Page - Renesas Technology Corp RA4M1 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 95 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.69
Equivalent circuit for analog input
Note 1.
The internal reference voltage cannot be selected for input channels when AVCC0 < 2.0 V.
Note 2.
The 14-bit A/D internal reference voltage indicates the voltage when the internal reference voltage is input to the 14-bit A/D
converter.
Note 3.
This is a parameter for ADC14 when the internal reference voltage is used as the high-potential reference voltage.
Note 4.
This is a parameter for ADC14 when the internal reference voltage is selected for an analog input channel in ADC14.
Table 2.49
14-Bit A/D converter channel classification
Classification
Channel
Conditions
Remarks
High-precision channel
AN000 to AN014
AVCC0 = 1.6 to 5.5 V
Pins AN000 to AN014 cannot be used
as general I/O, IRQ2, IRQ3 inputs,
and TS transmission, when the A/D
converter is in use
Normal-precision channel
AN016 to AN025
Internal reference voltage
input channel
Internal reference voltage
AVCC0 = 2.0 to 5.5 V
-
Temperature sensor input
channel
Temperature sensor output
AVCC0 = 2.0 to 5.5 V
-
Table 2.50
A/D internal reference voltage characteristics
Conditions: VCC = AVCC0 = VREFH0 = 2.0 to 5.5 V*1
Parameter
Min
Typ
Max
Unit
Test conditions
Internal reference voltage input
channel*2
1.36
1.43
1.50
V
-
Frequency*3
1-
2MHz
-
Sampling time*4
5.0
-
-
μs-
Rs
Cin
Rs
Cin
Cs
ADC
MCU
Analog input
Analog input
Sensor
ANn
ANn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com