Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 3Page - Renesas Technology Corp RA4M1 Datasheet HTML 4Page - Renesas Technology Corp RA4M1 Datasheet HTML 5Page - Renesas Technology Corp RA4M1 Datasheet HTML 6Page - Renesas Technology Corp RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 7 of 131
Sep 29, 2023
RA4M1 Group
1. Overview
Table 1.10
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
calculator
The Cyclic Redundancy Check (CRC) calculator generates CRC codes to detect errors in the
data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first
communication. Additionally, various CRC generation polynomials are available. The snoop
function allows monitoring reads from and writes to specific addresses. This function is useful
in applications that require CRC code to be generated automatically in certain events, such as
monitoring writes to the serial transmit buffer and reads from the serial receive buffer. See
section 32, Cyclic Redundancy Check (CRC) Calculator in Userʼs Manual.
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. See section 42,
Data Operation Circuit (DOC) in Userʼs Manual.
Table 1.11
Security
Feature
Functional description
Secure Crypto Engine 5 (SCE5)
 Security algorithm
- Symmetric algorithm: AES.
 Other support features
- TRNG (True Random Number Generator)
- Hash-value generation: GHASH.
Table 1.12
I/O ports
Feature
Functional description
I/O ports
 I/O ports for the 100-pin LQFP, 100-pin LGA
- I/O pins: 81
- Input pins: 3
- Pull-up resistors: 79
- N-ch open-drain outputs: 64
- 5-V tolerance: 9
 I/O ports for the 64-pin LQFP, 64-pin QFN
- I/O pins: 49
- Input pins: 3
- Pull-up resistors: 47
- N-ch open-drain outputs: 36
- 5-V tolerance: 7
 I/O ports for the 48-pin LQFP, 48-pin QFN
- I/O pins: 33
- Input pins: 3
- Pull-up resistors: 31
- N-ch open-drain outputs: 22
- 5-V tolerance: 4
 I/O ports for the 40-pin QFN
- I/O pins: 25
- Input pins: 3
- Pull-up resistors: 23
- N-ch open-drain outputs: 15
- 5-V tolerance: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com