Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 41Page - Renesas Technology Corp RA4M1 Datasheet HTML 42Page - Renesas Technology Corp RA4M1 Datasheet HTML 43Page - Renesas Technology Corp RA4M1 Datasheet HTML 44Page - Renesas Technology Corp RA4M1 Datasheet HTML 45Page - Renesas Technology Corp RA4M1 Datasheet HTML 46Page - Renesas Technology Corp RA4M1 Datasheet HTML 47Page - Renesas Technology Corp RA4M1 Datasheet HTML 48Page - Renesas Technology Corp RA4M1 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 45 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Note 1.
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2.
The clock source is HOCO.
Note 3.
The clock source is MOCO.
Note 4.
The clock source is the sub-clock oscillator.
Note 5.
This does not include BGO operation.
Note 6.
This is the increase for programming or erasure of the flash memory for data storage during program execution.
Note 7.
FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64.
Note 8.
FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are the same frequency as that of ICLK.
Note 9.
FCLK and PCLKB are set to divided by 2 and PCLKA, PCLKC, and PCLKD are the same frequency as that of ICLK.
Note 10. VCC = 3.3 V.
Supply
current
*1
Low-speed
mode
*3
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 1 MHz
ICC
0.4
-
mA
*7
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 1 MHz
0.6
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 1 MHz
1.0
-
*8
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 1 MHz
-
2.2
Sleep mode
All peripheral clock
disabled
*5
ICLK = 1 MHz
0.3
-
*7
All peripheral clock
enabled
*5
ICLK = 1 MHz
0.9
-
*8
Low-voltage
mode
*3
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 4 MHz
ICC
1.7
-
mA
*7
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 4 MHz
2.8
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 4 MHz
3.0
-
*8
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 4 MHz
-
8.0
Sleep mode
All peripheral clock
disabled
*5
ICLK = 4 MHz
1.3
-
*7
All peripheral clock
enabled
*5
ICLK = 4 MHz
2.5
-
*8
Subosc-
speed
mode
*4
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 32.768 kHz
ICC
8.5
-
μA
*8
All peripheral clock
enabled, while (1) code
executing from flash*5
ICLK = 32.768 kHz
14.9
-
All peripheral clock
enabled, code executing
from SRAM*5
ICLK = 32.768 kHz
-
83.0
Sleep mode
All peripheral clock
disabled
*5
ICLK = 32.768 kHz
5.0
-
All peripheral clock
enabled
*5
ICLK = 32.768 kHz
11.4
-
Table 2.11
Operating and standby current (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*10
Max
Unit
Test
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com