Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 76Page - Renesas Technology Corp RA4M1 Datasheet HTML 77Page - Renesas Technology Corp RA4M1 Datasheet HTML 78Page - Renesas Technology Corp RA4M1 Datasheet HTML 79Page - Renesas Technology Corp RA4M1 Datasheet HTML 80Page - Renesas Technology Corp RA4M1 Datasheet HTML 81Page - Renesas Technology Corp RA4M1 Datasheet HTML 82Page - Renesas Technology Corp RA4M1 Datasheet HTML 83Page - Renesas Technology Corp RA4M1 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 80 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.58
SPI timing for slave when CPHA = 1
2.3.10
IIC Timing
Table 2.37
IIC timing (1 of 2)
Conditions: VCC = 2.7 to 5.5 V
Parameter
Symbol
Min*1
Max
Unit
Test
conditions
IIC
(standard mode,
SMBus)
SCL input cycle time
tSCL
6 (12) × tIICcyc +
1300
-ns
Figure 2.59
SCL input high pulse width
tSCLH
3 (6) × tIICcyc +
300
-ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc +
300
-ns
SCL, SDA input rise time
tSr
-
1,000
ns
SCL, SDA input fall time
tSf
-300
ns
SCL, SDA input spike pulse removal
time
tSP
01 (4) × tIICcyc
ns
SDA input bus free time
(When wakeup function is disabled)
tBUF
3 (6) × tIICcyc +
300
-ns
SDA input bus free time
(When wakeup function is enabled)
tBUF
3 (6) × tIICcyc +
4 × tPcyc + 300
-ns
START condition input hold time
(When wakeup function is disabled)
tSTAH
tIICcyc + 300
-
ns
START condition input hold time
(When wakeup function is enabled)
tSTAH
1 (5) × tIICcyc +
tPcyc + 300
-ns
Repeated START condition input setup
time
tSTAS
1,000
-
ns
STOP condition input setup time
tSTOS
1,000
-
ns
Data input setup time
tSDAS
tIICcyc + 50
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb
-400
pF
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
n = A or B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com