Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 95Page - Renesas Technology Corp RA4M1 Datasheet HTML 96Page - Renesas Technology Corp RA4M1 Datasheet HTML 97Page - Renesas Technology Corp RA4M1 Datasheet HTML 98Page - Renesas Technology Corp RA4M1 Datasheet HTML 99Page - Renesas Technology Corp RA4M1 Datasheet HTML 100Page - Renesas Technology Corp RA4M1 Datasheet HTML 101Page - Renesas Technology Corp RA4M1 Datasheet HTML 102Page - Renesas Technology Corp RA4M1 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 99 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.7
TSN Characteristics
2.8
OSC Stop Detect Characteristics
Figure 2.72
Oscillation stop detection timing
Table 2.54
TSN characteristics
Conditions: VCC = AVCC0 = 2.0 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
-
-
±1.5
-
°C
2.4 V or above
--
±2.0
-°C
Below 2.4 V
Temperature slope
-
-
-3.65
-
mV/°C
-
Output voltage (at 25°C)
-
-
1.05
-
V
VCC = 3.3 V
Temperature sensor start time
tSTART
--5
μs-
Sampling time
-
5
-
-
μs-
Table 2.55
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
--1
ms
Figure 2.72
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
PLL clock
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
When the main clock is selected
When the PLL clock is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com