Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RA4M1 Datasheet HTML 1Page - Renesas Technology Corp RA4M1 Datasheet HTML 2Page - Renesas Technology Corp RA4M1 Datasheet HTML 3Page - Renesas Technology Corp RA4M1 Datasheet HTML 4Page - Renesas Technology Corp RA4M1 Datasheet HTML 5Page - Renesas Technology Corp RA4M1 Datasheet HTML 6Page - Renesas Technology Corp RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 2 of 131
Sep 29, 2023
RA4M1 Group
1. Overview
1.
Overview
The MCU integrates multiple series of software- and pin-compatible Arm®-based 32-bit cores that share a common set
of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU provides an optimal combination of low-power, high-performance Arm Cortex®-M4 core running up to
48 MHz with the following features:
 256-KB code flash memory
 32-KB SRAM
 Segment LCD Controller (SLCDC)
 Capacitive Touch Sensing Unit (CTSU)
 USB 2.0 Full-Speed Module (USBFS)
 14-bit A/D Converter (ADC14)
 12-bit D/A Converter (DAC12)
 Security features.
1.1
Function Outline
Table 1.1
Arm core
Feature
Functional description
Arm Cortex-M4 core
 Maximum operating frequency: up to 48 MHz
 Arm Cortex-M4 core
- Revision: r0p1-01rel0
- Armv7E-M architecture profile
- Single precision floating-point unit compliant with the ANSI/IEEE Std 754-2008.
 Arm Memory Protection Unit (Arm MPU)
- Armv7 Protected Memory System Architecture
- 8 protected regions.
 SysTick timer
- Driven by SYSTICCLK (LOCO) or ICLK.
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 256-KB code flash memory. See section 44, Flash Memory in Userʼs Manual.
Data flash memory
8-KB data flash memory. See section 44, Flash Memory in Userʼs Manual.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset. See section 6,
Option-Setting Memory in Userʼs Manual.
SRAM
On-chip high-speed SRAM with either parity bit or Error Correction Code (ECC). An area in
SRAM0 provides error correction capability using ECC. See section 43, SRAM in Userʼs
Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com