Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 43Page - Renesas Technology Corp RA4M1 Datasheet HTML 44Page - Renesas Technology Corp RA4M1 Datasheet HTML 45Page - Renesas Technology Corp RA4M1 Datasheet HTML 46Page - Renesas Technology Corp RA4M1 Datasheet HTML 47Page - Renesas Technology Corp RA4M1 Datasheet HTML 48Page - Renesas Technology Corp RA4M1 Datasheet HTML 49Page - Renesas Technology Corp RA4M1 Datasheet HTML 50Page - Renesas Technology Corp RA4M1 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 47 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.18
Voltage dependency in middle-speed operating mode (reference data)
Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual
measurements of the sample cores during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the
actual measurements for the upper limit samples during product evaluation.
0
2
4
6
8
10
12
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
, ICLK = 12 MHz*2
Ta = 105 C
, ICLK = 8 MHz*2
Ta = 105 C
, ICLK = 12 MHz
Ta = 25 C
*1
Ta = 105 C
 , ICLK = 4 MHz*2
, ICLK = 8 MHz *1
Ta = 25 C
, ICLK = 4 MHz*1
Ta = 25 C
, ICLK = 1 MHz*2
Ta = 105 C
Ta = 25 C, ICLK = 1 MHz *1
Ta = 105 C
Ta = 105 C
Ta = 25 C
Ta = 25 C
Ta = 25 C , ICLK = 4 MHz *1
Ta = 25 C , ICLK = 1 MHz *1
 , ICLK = 12 MHz *2
, ICLK = 8 MHz *2
, ICLK = 4 MHz *2
, ICLK = 1 MHz *2
Ta = 105 C
Ta = 105 C
, ICLK = 12 MHz *1
, ICLK = 8 MHz *1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com