Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 47Page - Renesas Technology Corp RA4M1 Datasheet HTML 48Page - Renesas Technology Corp RA4M1 Datasheet HTML 49Page - Renesas Technology Corp RA4M1 Datasheet HTML 50Page - Renesas Technology Corp RA4M1 Datasheet HTML 51Page - Renesas Technology Corp RA4M1 Datasheet HTML 52Page - Renesas Technology Corp RA4M1 Datasheet HTML 53Page - Renesas Technology Corp RA4M1 Datasheet HTML 54Page - Renesas Technology Corp RA4M1 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 51 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.22
Temperature dependency in Software Standby mode all SRAM (reference data)
Note 1.
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Table 2.13
Operating and standby current (3)
Conditions: VCC = AVCC0 = 0V, VBATT = 1.6 to 3.6 V, VSS = AVSS0 = 0V
Parameter
Symbol
Typ
Max
Unit
Test conditions
Supply
current*1
RTC operation
when VCC is off
Ta = 25°C
ICC
0.8
-
μA
VBATT = 2.0 V
SOMCR.SORDRV[1:0] = 11b
(Low power mode 3)
Ta = 55°C
0.9
-
Ta = 85°C
1.0
-
Ta = 105°C
1.1
-
Ta = 25°C
0.9
-
VBATT = 3.3 V
SOMCR.SORDRV[1:0] = 11b
(Low power mode 3)
Ta = 55°C
1.0
-
Ta = 85°C
1.1
-
Ta = 105°C
1.2
-
Ta = 25°C
1.5
-
VBATT = 2.0 V
SOMCR.SORDRV[1:0] = 00b
(Normal mode)
Ta = 55°C
1.7
-
Ta = 85°C
2.0
-
Ta = 105°C
2.2
-
Ta = 25°C
1.6
-
VBATT = 3.3 V
SOMCR.SORDRV[1:0] = 00b
(Normal mode)
Ta = 55°C
1.8
-
Ta = 85°C
2.1
-
Ta = 105°C
2.3
-
0.1
1
10
100
-40
-20
0
2040
6080
100
Ta ( C)
Average value of the tested middle samples during product evaluation.
Average value of the tested upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com