Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 80Page - Renesas Technology Corp RA4M1 Datasheet HTML 81Page - Renesas Technology Corp RA4M1 Datasheet HTML 82Page - Renesas Technology Corp RA4M1 Datasheet HTML 83Page - Renesas Technology Corp RA4M1 Datasheet HTML 84Page - Renesas Technology Corp RA4M1 Datasheet HTML 85Page - Renesas Technology Corp RA4M1 Datasheet HTML 86Page - Renesas Technology Corp RA4M1 Datasheet HTML 87Page - Renesas Technology Corp RA4M1 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 84 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Figure 2.63
SSIE data output delay from SSILRCK0/SSIFS0 change time
2.3.12
CLKOUT Timing
Note 1.
When the EXTAL external clock input or an oscillator is used with division by 1 (the CKOCR.CKOSEL[2:0] bits are 011b and
the CKOCR.CKODIV[2:0] bits are 000b) to output from CLKOUT, the above should be satisfied with an input duty cycle of 45 to
55%.
Note 2.
When the MOCO is selected as the clock output source (the CKOCR.CKOSEL[2:0] bits are 001b), set the clock output division
ratio selection to be divided by 2 (the CKOCR.CKODIV[2:0] bits are 001b).
Figure 2.64
CLKOUT output timing
Table 2.39
CLKOUT timing
Parameter
Symbol
Min
Max
Unit*1
Test conditions
CLKOUT
CLKOUT pin output cycle*1
VCC = 2.7 V or above
tCcyc
62.5
-
ns
Figure 2.64
VCC = 1.8 V or above
125
-
VCC = 1.6 V or above
250
-
CLKOUT pin high pulse width*2
VCC = 2.7 V or above
tCH
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin low pulse width*2
VCC = 2.7 V or above
tCL
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin output rise time
VCC = 2.7 V or above
tCr
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
CLKOUT pin output fall time
VCC = 2.7 V or above
tCf
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
tDTRW
SSILRCK0/SSIFS0
(Input)
SSITXD0 (Output)
MSB bit output delay from SSILRCK0/SSIFS0 change time for
slave transmitter when DEL = 1, SDTA = 0 or DEL = 1, SDTA = 1, SWL[2:0] = DWL[2:0]
tCf
tCH
tCcyc
tCr
tCL
CLKOUT pin output
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com