Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 51Page - Renesas Technology Corp RA4M1 Datasheet HTML 52Page - Renesas Technology Corp RA4M1 Datasheet HTML 53Page - Renesas Technology Corp RA4M1 Datasheet HTML 54Page - Renesas Technology Corp RA4M1 Datasheet HTML 55Page - Renesas Technology Corp RA4M1 Datasheet HTML 56Page - Renesas Technology Corp RA4M1 Datasheet HTML 57Page - Renesas Technology Corp RA4M1 Datasheet HTML 58Page - Renesas Technology Corp RA4M1 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 55 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.3
AC Characteristics
2.3.1
Frequency
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory. When using FCLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer
frequency such as 1.5 MHz cannot be set.
Note 2.
The frequency accuracy of FCLK must be ±3.5% while programming or erasing the flash memory. Confirm the frequency
accuracy of the clock source.
Note 3.
The lower-limit frequency of PCLKC is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-bit A/D converter is in
use.
Note 4.
See section 8, Clock Generation Circuit in Userʼs Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, and FCLK.
Note 5.
The maximum value of operation frequency does not include internal oscillator errors. For details on the range of guaranteed
operation, see Table 2.22, Clock timing.
Table 2.17
Operation frequency value in high-speed operating mode
Conditions: VCC = AVCC0 = 2.4 to 5.5 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
2.7 to 5.5 V
f
0.032768
-
48
MHz
2.4 to 2.7 V
0.032768
-
16
Flash interface clock (FCLK)*1, *2, *4
2.7 to 5.5 V
0.032768
-
32
2.4 to 2.7 V
0.032768
-
16
Peripheral module clock (PCLKA)*4
2.7 to 5.5 V
-
-
48
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKB)*4
2.7 to 5.5 V
-
-
32
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKC)*3, *4
2.7 to 5.5 V
-
-
64
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKD)*4
2.7 to 5.5 V
-
-
64
2.4 to 2.7 V
-
-
16
Table 2.18
Operation frequency value in middle-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
2.7 to 5.5 V
f
0.032768
-
12
MHz
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
Flash interface clock (FCLK)*1, *2, *4
2.7 to 5.5 V
0.032768
-
12
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
Peripheral module clock (PCLKA)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKB)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKC)*3, *4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKD)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com